Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA481 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BA481
Description  UHF mixer diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BA481 Datasheet(HTML) 4 Page - NXP Semiconductors

  BA481 Datasheet HTML 1Page - NXP Semiconductors BA481 Datasheet HTML 2Page - NXP Semiconductors BA481 Datasheet HTML 3Page - NXP Semiconductors BA481 Datasheet HTML 4Page - NXP Semiconductors BA481 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1996 Mar 19
4
Philips Semiconductors
Product specification
UHF mixer diode
BA481
GRAPHICAL DATA
Fig.2
Forward current as a function of forward
voltage; typical values.
(1) Tamb = 100 °C.
(2) Tamb =60 °C.
(3) Tamb =25 °C.
(4) Tamb = −40 °C.
handbook, halfpage
0.8
0
0.2
0.4
10
(mA)
I
F
2
MGC684
10
1
10 −1
0.6
V
F
(V)
(3)
(2)
(1)
(4)
(1) Tamb = 100 °C.
(2) Tamb =60 °C.
(3) Tamb =25 °C.
(4) Tamb = −40 °C.
handbook, halfpage
10
(nA)
I
R
4
10
3
10 2
10 −1
10
1
4
(1)
V
R
(V)
2
1
0
MGC685
3
(4)
(3)
(2)
Fig.3
Reverse current as a function of reverse
voltage; typical values.
Fig.4
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz.
0.25
0.50
0.75
1.00
0123
4
MGC683
C
d
(pF)
V
R
(V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com