Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9313 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9313 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button DA9313 Datasheet HTML 7Page - Renesas Technology Corp DA9313 Datasheet HTML 8Page - Renesas Technology Corp DA9313 Datasheet HTML 9Page - Renesas Technology Corp DA9313 Datasheet HTML 10Page - Renesas Technology Corp DA9313 Datasheet HTML 11Page - Renesas Technology Corp DA9313 Datasheet HTML 12Page - Renesas Technology Corp DA9313 Datasheet HTML 13Page - Renesas Technology Corp DA9313 Datasheet HTML 14Page - Renesas Technology Corp DA9313 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.5
23-Feb-2022
CFR0011-120-00
11 of 57
© 2022 Renesas Electronics
Location
Pin Name
Pin Type
(Table 2)
Description
H8
F10
VOUT_S
AI
Power voltage converter output sense
D12
VCORE
AIO
Main internal supply
C1
nONKEY
AIO
On key signal (active low)
E1
GPIO_0
DIO
General purpose input/output
G1
GPIO_1
DIO
General purpose input/output
F2
SDA
DIO
I2C data. Must be connected to GND if no I2C interface
D2
SCL
DI
I2C clock. Must be connected to GND if no I2C interface
E11
AGND
GND
Analog quiet ground
B12, C11,
G11, H12
PGND
GND
Power ground for power voltage converter
Table 2: Pin Type Definition
Pin Type
Description
Pin Type
Description
DI
Digital Input
AI
Analog Input
DO
Digital Output
AO
Analog Output
DIO
Digital Input/Output
AIO
Analog Input/Output
PWR
Power Supply
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com