Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9313 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9313 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button DA9313 Datasheet HTML 17Page - Renesas Technology Corp DA9313 Datasheet HTML 18Page - Renesas Technology Corp DA9313 Datasheet HTML 19Page - Renesas Technology Corp DA9313 Datasheet HTML 20Page - Renesas Technology Corp DA9313 Datasheet HTML 21Page - Renesas Technology Corp DA9313 Datasheet HTML 22Page - Renesas Technology Corp DA9313 Datasheet HTML 23Page - Renesas Technology Corp DA9313 Datasheet HTML 24Page - Renesas Technology Corp DA9313 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.5
23-Feb-2022
CFR0011-120-00
21 of 57
© 2022 Renesas Electronics
Figure 9: DA9313 Output Voltage Drop Automatic Mode Standalone
9.2
Master/Slave Operation
Figure 10: DA9313 Efficiency Automatic Mode Master/Slave
3.45
3.50
3.55
3.60
3.65
3.70
1
10
100
1000
10000
VO_PVC (V)
ILOAD (mA)
VDD = 7.4V
80
82
84
86
88
90
92
94
96
98
100
1
10
100
1000
10000
ηPVC (%)
IO (mA)
VDD = 5.0V
VDD = 7.4V
VDD = 10.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com