Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA591 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BA591
Description  Band-switching diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BA591 Datasheet(HTML) 2 Page - NXP Semiconductors

  BA591 Datasheet HTML 1Page - NXP Semiconductors BA591 Datasheet HTML 2Page - NXP Semiconductors BA591 Datasheet HTML 3Page - NXP Semiconductors BA591 Datasheet HTML 4Page - NXP Semiconductors BA591 Datasheet HTML 5Page - NXP Semiconductors BA591 Datasheet HTML 6Page - NXP Semiconductors BA591 Datasheet HTML 7Page - NXP Semiconductors BA591 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1998 Aug 31
2
Philips Semiconductors
Product specification
Band-switching diode
BA591
FEATURES
• Very small plastic SMD package
• Low diode capacitance:
max. 1.05 pF
• Low diode forward resistance:
max. 0.7
Ω
• Small inductance.
APPLICATIONS
• Low loss band-switching in VHF
television tuners
• Surface mount band-switching
circuits.
DESCRIPTION
The BA591 is a planar, high
performance band-switching diode in
the very small SOD323 SMD plastic
package.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
Fig.1 Simplified outline (SOD323) and symbol.
Marking code: A1.
The marking band indicates the cathode.
handbook, halfpage
12
MAM406
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Note
1. Guaranteed on AQL basis; inspection level S4, AQL 1.0.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
−
35
V
IF
continuous forward current
−
100
mA
Ptot
total power dissipation
Ts =90 °C
−
500
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VF
forward voltage
IF =10mA
−
1V
IR
reverse current
VR =20V
−
20
nA
Cd
diode capacitance
f = 1 MHz; note 1; see Fig.2
VR = 1 V
0.8
1.05
pF
VR = 3 V
0.65
0.9
pF
rD
diode forward resistance
f = 100 MHz; note 1; see Fig.3
IF = 3 mA
0.45
0.7
Ω
IF = 10 mA
0.36
0.5
Ω
1/gp
reverse resistance
VR = 1 V; f = 100 MHz; note 1
100
−
k
Ω
LS
series inductance
2
−
nH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com