Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA591 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BA591
Description  Band-switching diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BA591 Datasheet(HTML) 3 Page - NXP Semiconductors

  BA591 Datasheet HTML 1Page - NXP Semiconductors BA591 Datasheet HTML 2Page - NXP Semiconductors BA591 Datasheet HTML 3Page - NXP Semiconductors BA591 Datasheet HTML 4Page - NXP Semiconductors BA591 Datasheet HTML 5Page - NXP Semiconductors BA591 Datasheet HTML 6Page - NXP Semiconductors BA591 Datasheet HTML 7Page - NXP Semiconductors BA591 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1998 Aug 31
3
Philips Semiconductors
Product specification
Band-switching diode
BA591
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
120
K/W
GRAPHICAL DATA
Fig.2
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
010
20
VR (V)
Cd
(pF)
30
1.6
1.2
0.4
0
0.8
MGL477
Fig.3
Diode forward resistance as a function of
forward current; typical values.
f = 100 MHz; Tj =25 °C.
handbook, halfpage
10
1
10−1
MGL476
10−1
110
IF (mA)
rD
(
Ω)
102



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com