Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA591 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BA591
Description  Band-switching diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BA591 Datasheet(HTML) 4 Page - NXP Semiconductors

  BA591 Datasheet HTML 1Page - NXP Semiconductors BA591 Datasheet HTML 2Page - NXP Semiconductors BA591 Datasheet HTML 3Page - NXP Semiconductors BA591 Datasheet HTML 4Page - NXP Semiconductors BA591 Datasheet HTML 5Page - NXP Semiconductors BA591 Datasheet HTML 6Page - NXP Semiconductors BA591 Datasheet HTML 7Page - NXP Semiconductors BA591 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1998 Aug 31
4
Philips Semiconductors
Product specification
Band-switching diode
BA591
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOD323
98-09-14
0
1
2 mm
scale
SOD323
UNIT
bp
cD
E
Qv
mm
0.40
0.25
+ 0.05
− 0.05
0.25
0.10
0.2
1.35
1.15
1.8
1.6
A
1.1
0.8
HE
2.7
2.3
0.25
0.15
Lp
0.45
0.15
DIMENSIONS (mm are the original dimensions)
D
12
HE
Lp
A
E
bp
A1
Q
Note
1. The marking bar indicates the cathode.
A1
max.
Plastic surface mounted package; 2 leads
,





v M A
A
c
(1)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com