Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24256X-F Datasheet(PDF) 21 Page - STMicroelectronics

Part # M24256X-F
Description  256-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball WLCSP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256X-F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M24256X-F Datasheet HTML 17Page - STMicroelectronics M24256X-F Datasheet HTML 18Page - STMicroelectronics M24256X-F Datasheet HTML 19Page - STMicroelectronics M24256X-F Datasheet HTML 20Page - STMicroelectronics M24256X-F Datasheet HTML 21Page - STMicroelectronics M24256X-F Datasheet HTML 22Page - STMicroelectronics M24256X-F Datasheet HTML 23Page - STMicroelectronics M24256X-F Datasheet HTML 24Page - STMicroelectronics M24256X-F Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
6.5.1
Random address read
A dummy write is first performed to load the address into this address counter (as shown in Figure 12) but without
sending a stop condition. Then, the bus master sends another start condition, and repeats the device select code,
with the RW bit set to 1. The device acknowledges this, and outputs the contents of the addressed byte. The bus
master terminates the transfer with a stop condition, as shown in Figure 12, without acknowledging the byte.
6.5.2
Current address read
For the current address read operation, following a start condition, the bus master only sends a device select
code with the R/W bit set to 1. The device acknowledges this, and outputs the byte addressed by the internal
address counter. The counter is then incremented. The bus master terminates the transfer with a stop condition,
as shown in Figure 12, without acknowledging the byte.
Note:
The address counter value is defined by instructions accessing either the memory or the registers or the
identification page. When accessing the registers or the identification page, the address counter value is loaded
with the registers or the identification page byte location, therefore the next current address read in the memory
uses this new address counter value. When accessing the memory, it is safer to use the random address read
instruction (this instruction loads the address counter with the byte location to read in the memory) instead of the
current address read instruction.
6.5.3
Sequential read
This operation can be used after a current address read or a random address read. The bus master does
acknowledge the data byte output, and sends additional clock pulses so that the device continues to output the
next byte in sequence. To terminate the stream of bytes, the bus master must not acknowledge the last byte, and
must generate a stop condition, as shown in Figure 12.
The output data comes from consecutive addresses, with the internal address counter automatically incremented
after each byte output. After the last memory address, the address counter “rolls-over”, and the device continues
to output data from memory address 00h.
M24256X-F
Read operations on memory array
DS12380 - Rev 2
page 21/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com