Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24256X-F Datasheet(PDF) 28 Page - STMicroelectronics

Part # M24256X-F
Description  256-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball WLCSP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256X-F Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M24256X-F Datasheet HTML 24Page - STMicroelectronics M24256X-F Datasheet HTML 25Page - STMicroelectronics M24256X-F Datasheet HTML 26Page - STMicroelectronics M24256X-F Datasheet HTML 27Page - STMicroelectronics M24256X-F Datasheet HTML 28Page - STMicroelectronics M24256X-F Datasheet HTML 29Page - STMicroelectronics M24256X-F Datasheet HTML 30Page - STMicroelectronics M24256X-F Datasheet HTML 31Page - STMicroelectronics M24256X-F Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Table 12. Cycling performance by groups of four bytes
Symbol
Parameter
Test condition
Max.
Unit
Ncycle
Write cycle endurance(1)
TA ≤ 25 °C, VCC(min) < VCC < VCC(max)
4 000 000
Write cycles(2)
TA = 85°C, VCC(min) < VCC < VCC(max)
1 200 000
1. The write cycle endurance is defined by characterization and qualification. For devices embedding the ECC functionality, the
write cycle endurance is defined for group of four bytes located at addresses [4*N, 4*N+1, 4*N+2, 4*N+3] where N is an
integer.
2. A write cycle is executed when either a write CDA, SWP register, a page write, a byte write , a write identification page or
a lock identification page instruction is decoded. When using the byte write, the page write or the write identification page,
refer also to Section 6.1.3 ECC (error correction code) and write cycling.
Table 13. Memory cell data retention
Parameter
Test condition
Min.
Unit
Data retention (1)
TA = 55 °C
200
Year
1. The data retention behaviour is checked in production, while the data retention limit defined in this table is extracted from
characterization and qualification results.
Table 14. DC characteristics
Symbol
Parameter
Test conditions
Min.
Max.
Unit
ILI
Input leakage current
(SCL, SDA)
VIN = VSS or VCC
device in Standby mode
-
± 2
µA
ILO
Output leakage current
SDA in Hi-Z, external voltage applied on SDA: VSS or VCC
-
± 2
µA
ICC
Supply current (Read)
fC = 400 kHz
-
0.5
mA
fC = 1 MHz
-
1
ICC0
Supply current (Write)
During tW
1.65 V ≤ VCC ≤ 3.6 V
-
1 (1)
mA
ICC1
Standby supply current
Device not selected, (2)
VIN = VSS or VCC, VCC < 2.5 V
-
1
µA
Device not selected, (2)
VIN = VSS or VCC, VCC ≥ 2.5 V
-
2
VIL
Input low voltage
(SCL, SDA)
1.6 ≤ VCC < 2.5 V
–0.45
0.25 VCC
V
2.5 ≤ VCC ≤ 3.6 V
–0.45
0.3 VCC
V
VIH
Input high voltage
(SCL, SDA)
1.6 ≤ VCC < 2.5 V
0.75 VCC VCC + 1
V
2.5 ≤ VCC ≤ 3.6 V
0.7 VCC
VCC + 1
V
VOL
Output low voltage
IOL = 1 mA, VCC = 1.65 V
-
0.2
V
IOL = 2.1 mA, VCC = 2.5 V or
IOL = 3 mA, VCC = 3.6 V
-
0.4
V
1. Evaluated by characterization – Not tested in production.
2. The device is not selected after power-up, after a read instruction (after the stop condition), or after the completion of the
internal write cycle tW (tW is triggered by the correct decoding of a write instruction).
M24256X-F
DC and AC parameters
DS12380 - Rev 2
page 28/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com