Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250 Datasheet(PDF) 121 Page - STMicroelectronics

Part # SN250
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button SN250 Datasheet HTML 117Page - STMicroelectronics SN250 Datasheet HTML 118Page - STMicroelectronics SN250 Datasheet HTML 119Page - STMicroelectronics SN250 Datasheet HTML 120Page - STMicroelectronics SN250 Datasheet HTML 121Page - STMicroelectronics SN250 Datasheet HTML 122Page - STMicroelectronics SN250 Datasheet HTML 123Page - STMicroelectronics SN250 Datasheet HTML 124Page - STMicroelectronics SN250 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 130 page
background image
SN250
Register address table
121/130
11
Register address table
Table 40 provides the address, reset value, and description of the registers in the SN250.
These registers are accessible by the application (user).
Table 40.
Register address table
Block:
SERIAL
4400–44B6 SC1 and SC2 control and status registers
Address
Name
Type
Reset
0x4400
SC2_RXBEGA
RW
0x6000
Rx DMA start address A
0x4402
SC2_RXENDA
RW
0x6000
Rx DMA end address A
0x4404
SC2_RXBEGB
RW
0x6000
Rx DMA start address B
0x4406
SC2_RXENDB
RW
0x6000
Rx DMA end address B
0x4408
SC2_TXBEGA
RW
0x6000
Tx DMA start address A
0x440A
SC2_TXENDA
RW
0x6000
Tx DMA end address A
0x440C
SC2_TXBEGB
RW
0x6000
Tx DMA start address B
0x440E
SC2_TXENDB
RW
0x6000
Tx DMA end address B
0x4410
SC2_RXCNTA
R
0x0000
Rx DMA Buffer A byte count
0x4412
SC2_RXCNTB
R
0x0000
Rx DMA Buffer B byte count
0x4414
SC2_TXCNT
R
0x0000
Tx DMA Buffer count
0x4416
SC2_DMASTAT
R
0x0000
DMA status
0x4418
SC2_DMACTRL
RW
0x0000
DMA control
0x441A
SC2_RXERRA
R
0x0000
Rx DMA Buffer A first error marker
0x441C
SC2_RXERRB
R
0x0000
Rx DMA Buffer B first error marker
0x441E
SC2_DATA
RW
0x0000
SC2 data
0x4420
SC2_SPISTAT
R
0x0000
SC2 SPI status
0x4422
SC2_I2CSTAT
R
0x0000
SC2 I2C status
0x4426
SC2_I2CCTRL1
RW
0x0000
SC2 I2C control 1
0x4428
SC2_I2CCTRL2
RW
0x0000
SC2 I2C control 2
0x442A
SC2_MODE
RW
0x0000
SC2 Mode control
0x442C
SC2_SPICFG
RW
0x0000
SC2 SPI control
0x4430
SC2_RATELIN
RW
0x0000
SC2 Linear Component of Clock Rate
0x4432
SC2_RATEEXP
RW
0x0000
SC2 Exponential Component of Clock
Rate
0x4480
SC1_RXBEGA
RW
0x6000
Rx DMA start address A
0x4482
SC1_RXENDA
RW
0x6000
Rx DMA end address A
0x4484
SC1_RXBEGB
RW
0x6000
Rx DMA start address B
0x4486
SC1_RXENDB
RW
0x6000
Rx DMA end address B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com