Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250 Datasheet(PDF) 122 Page - STMicroelectronics

Part # SN250
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button SN250 Datasheet HTML 118Page - STMicroelectronics SN250 Datasheet HTML 119Page - STMicroelectronics SN250 Datasheet HTML 120Page - STMicroelectronics SN250 Datasheet HTML 121Page - STMicroelectronics SN250 Datasheet HTML 122Page - STMicroelectronics SN250 Datasheet HTML 123Page - STMicroelectronics SN250 Datasheet HTML 124Page - STMicroelectronics SN250 Datasheet HTML 125Page - STMicroelectronics SN250 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 130 page
background image
Register address table
SN250
122/130
0x4488
SC1_TXBEGA
RW
0x6000
Tx DMA start address A
0x448A
SC1_TXENDA
RW
0x6000
Tx DMA end address A
0x448C
SC1_TXBEGB
RW
0x6000
Tx DMA start address B
0x448E
SC1_TXENDB
RW
0x6000
Tx DMA end address B
0x4490
SC1_RXCNTA
R
0x0000
Rx DMA Buffer A byte count
0x4492
SC1_RXCNTB
R
0x0000
Rx DMA Buffer B byte count
0x4494
SC1_TXCNT
R
0x0000
Tx DMA Buffercount
0x4496
SC1_DMASTAT
R
0x0000
DMA status
0x4498
SC1_DMACTRL
RW
0x0000
DMA control
0x449A
SC1_RXERRA
R
0x0000
Rx DMA Buffer A first error marker
0x449C
SC1_RXERRB
R
0x0000
Rx DMA Buffer B first error marker
0x449E
SC1_DATA
RW
0x0000
SC1 data
0x44A0
SC1_SPISTAT
R
0x0000
SC1 SPI status
0x44A2
SC1_I2CSTAT
R
0x0000
SC1 I2C status
0x44A4
SC1_UARTSTAT
R
0x0040
SC1 UART status
0x44A6
SC1_I2CCTRL1
RW
0x0000
SC1 I2C control 1
0x44A8
SC1_I2CCTRL2
RW
0x0000
SC1 I2C control 2
0x44AA
SC1_MODE
RW
0x0000
SC1 Mode control
0x44AC
SC1_SPICFG
RW
0x0000
SC1 SPI control
0x44AE
SC1_UARTCFG
RW
0x0000
SC1 UART control
0x44B0
SC1_RATELIN
RW
0x0000
SC1 Linear Component of Clock Rate
0x44B2
SC1_RATEEXP
RW
0x0000
SC1 Exponential Component of Clock
Rate
0x44B4
SC1_UARTPER
RW
0x0000
SC1 Baud Rate Period
0x44B6
SC1_UARTFRAC
RW
0x0000
SC1 Baud Rate Fraction
Table 40.
Register address table (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com