Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250 Datasheet(PDF) 126 Page - STMicroelectronics

Part # SN250
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button SN250 Datasheet HTML 122Page - STMicroelectronics SN250 Datasheet HTML 123Page - STMicroelectronics SN250 Datasheet HTML 124Page - STMicroelectronics SN250 Datasheet HTML 125Page - STMicroelectronics SN250 Datasheet HTML 126Page - STMicroelectronics SN250 Datasheet HTML 127Page - STMicroelectronics SN250 Datasheet HTML 128Page - STMicroelectronics SN250 Datasheet HTML 129Page - STMicroelectronics SN250 Datasheet HTML 130Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 126 / 130 page
background image
Abbreviations and acronyms
SN250
126/130
12
Abbreviations and acronyms
Acronym/Abbreviation
Meaning
ACR
Adjacent Channel Rejection
AES
Advanced Encryption Standard
CBC-MAC
Cipher Block Chaining-Message Authentication Code
CCA
Clear Channel Assessment
CCM
Counter with CBC-MAC Mode for AES encryption
CCM*
Improved Counter with CBC-MAC Mode for AES encryption
CSMA
Carrier Sense Multiple Access
CTR
Counter Mode
EEPROM
Electrically Erasable Programmable Read Only Memory
ESD
Electro Static Discharge
ESR
Equivalent Series Resistance
FFD
Full Function Device (ZigBee)
FIA
Flash Information Area
GPIO
General Purpose I/O (pins)
HF
High Frequency (24MHz)
I2C
Inter-Integrated Circuit bus
IDE
Integrated Development Environment
IF
Intermediate Frequency
IP3
Third order Intermodulation Product
ISR
Interrupt Service Routine
KB
Kilobyte
Kbps
kilobits/second
LF
Low Frequency
LNA
Low Noise Amplifier
LQI
Link Quality Indicator
MAC
Medium Access Control
MSL
Moisture Sensitivity Level
Msps
Mega samples per second
O-QPSK
Offset-Quadrature Phase Shift Keying
PA
Power Amplifier
PER
Packet Error Rate
PHY
Physical Layer
PLL
Phase-Locked Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com