Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7450 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # SH7450
Description  1753, Shimonumabe, Nakahara-ku, Kawasaki-shi, Kanagawa 211-8668 Japan Renesas Electronics Corporation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7450 Datasheet(HTML) 3 Page - Renesas Technology Corp

  SH7450 Datasheet HTML 1Page - Renesas Technology Corp SH7450 Datasheet HTML 2Page - Renesas Technology Corp SH7450 Datasheet HTML 3Page - Renesas Technology Corp SH7450 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RENESAS TECHNICAL UPDATE
TN-SH7-A826A/E
Date: December 27, 2011
Page 3 of 4
Rev.
Page
Part
Contents
Table 38.26 RSPI Timing : Incorrect description corrected.
Error:
Item
Symbol
Min.
Max
.
Unit
Figures
Data input
setup time
Slave
tSU
25 + 2 x tcyc
-
ns
38.28
to
38.31
Adds
by
REV.A
38-33
Table 38.26
RSPI Timing
Correct:
Item
Symbol
Min.
Max
.
Unit
Figures
Data input
setup time
Slave
tSU
25 - 2 x tcyc
-
ns
38.28
to
38.31
Figure 38.30 RSPI Timing (Slave, CPHA = "0") : Incorrect description
corrected. O in a figure shows the added part.
Error:
Adds
by
REV.A
38-35
Figure 38.30
RSPI Timing
(Slave,
CPHA = "0")
Correct:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com