Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7450 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # SH7450
Description  1753, Shimonumabe, Nakahara-ku, Kawasaki-shi, Kanagawa 211-8668 Japan Renesas Electronics Corporation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7450 Datasheet(HTML) 4 Page - Renesas Technology Corp

  SH7450 Datasheet HTML 1Page - Renesas Technology Corp SH7450 Datasheet HTML 2Page - Renesas Technology Corp SH7450 Datasheet HTML 3Page - Renesas Technology Corp SH7450 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RENESAS TECHNICAL UPDATE
TN-SH7-A826A/E
Date: December 27, 2011
Page 4 of 4
Rev.
Page
Part
Contents
Table 38.29 DRI Timing (When Special Mode is On) : Incorrect
description corrected.
Error:
Item
Symbol
Min.
Max.
Unit
Figures
DIN2 to DIN4 sampling
edge undefined time
before DIN1
initialization level
release (when direct
reset is selected)
tar
8
-
ns
DIN2 to DIN4 sampling
edge undefined time
before DIN1
initialization level
release
tbr
12
-
ns
38.33
to
38.36
Adds
by
REV.C
38-38
Table 38.29
DRI Timing
(When Special
Mode is On)
Correct:
Item
Symbol
Min.
Max.
Unit
Figures
DIN2 to DIN4 sampling
edge undefined time
before DIN1
initialization level
release
tar
8
-
ns
DIN2 to DIN4 sampling
edge undefined time
after DIN1 initialization
level release
tbr
12
-
ns
38.33
to
38.36
Table 38.35 AUDR Module Timing (PVcc=5.0V) : Incorrect description
corrected.
Error:
Item
Symbol
Min.
Max.
Unit
Figures
AUDRD output delay
time before AUDRCLK
td(AUDRCLKH-
AUDRD)
-
35
ns
38.46
Adds
by
REV.A
38-46
Table 38.35
AUDR Module
Timing
(PVcc=5.0V)
Correct:
Item
Symbol
Min.
Max.
Unit
Figures
AUDRD output delay
time after AUDRCLK
td(AUDRCLKH-
AUDRD)
-
35
ns
38.46
Table 38.36 AUDR Module Timing (PVcc=3.3V) : Incorrect description
corrected.
Error:
Item
Symbol
Min.
Max.
Unit
Figures
AUDRD output delay
time before AUDRCLK
td(AUDRCLKH-
AUDRD)
-
40
ns
38.46
Adds
by
REV.A
38-47
Table 38.36
AUDR Module
Timing
(PVcc=3.3V)
Correct:
Item
Symbol
Min.
Max.
Unit
Figures
AUDRD output delay
time after AUDRCLK
td(AUDRCLKH-
AUDRD)
-
40
ns
38.46



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com