Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7450 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # SH7450
Description  1753, Shimonumabe, Nakahara-ku, Kawasaki-shi, Kanagawa 211-8668 Japan Renesas Electronics Corporation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7450 Datasheet(HTML) 2 Page - Renesas Technology Corp

  SH7450 Datasheet HTML 1Page - Renesas Technology Corp SH7450 Datasheet HTML 2Page - Renesas Technology Corp SH7450 Datasheet HTML 3Page - Renesas Technology Corp SH7450 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RENESAS TECHNICAL UPDATE
TN-SH7-A826A/E
Date: December 27, 2011
Page 2 of 4
* In the following, the portion of net credit ( ) or an underline is a portion with an addition/change.
Rev.
Page
Part
Contents
Revision History: Description of CAN added
-Page of Previous Edition: 26-49
-Description:
Description of the bit 1 (SDST bit) in the CANi Status Register (CiSTR)
(i=0 to 4) corrected
Error: The SDST bit is set to "1" when at least one SENTDATA bit
in the CiMCTLj register is "1" regardless of the value of the
CiMIER register.
Correct: The SDST bit is set to "1" when at least one SENTDATA bit
in the CiMCTLj (j = 32 to 63) register is "1" regardless of the
value of the CiMIER register.
-Page of Previous Edition: 26-49
-Description:
Description of the bit 0 (NDST bit) in the CANi Status Register (CiSTR)
(i=0 to 4) corrected
Error: The NDST bit is set to "1" when at least one NEWDATA bit in
the CiMCTLj register is "1" regardless of the value of the
CiMIER register.
Adds
by
REV.A
Revision
History
- xiii
26.3.14
CANi Status
Register
Correct: The NDST bit is set to "1" when at least one NEWDATA bit
in the CiMCTLj (j = 0 to 63) register is "1" regardless of the
value of the CiMIER register.
Revision History: Description of FlexRay added
-Page of Previous Edition: 32-17
-Description:
Description of the bit 24 (EDB bit) in the FlexRay Error Interrupt
Register (FREIR) corrected
Error: 0: No error detected on channel B RW
Correct: 0: No error detected on channel B
-Page of Previous Edition: 32-18
-Description:
Description of the bit 9 (IIBA bit) in the FlexRay Error Interrupt
Register (FREIR) corrected
Error: 0: No illegal CPU access to Output Buffer occurred
1: Illegal CPU access to Output Buffer occurred
Adds
by
REV.A
Revision
History
- xv
32.5.1
FlexRay Error
Interrupt
Register
Correct: 0: No illegal CPU access to Input Buffer occurred
1: Illegal CPU access to Input Buffer occurred
Revision History: Description of Appendix A added
-Page of Previous Edition: A-1
-Description:
Value after reset of the bit 5 (RABD bit) in the CPU Operation Mode
Register (CPUOPM) revised
Error: Value after reset of the RABD bit is "1"
Adds
by
REV.A
Revision
History
- xvi
Appendix A
CPU Operation
Mode Register
Correct: Value after reset of the RABD bit is " 0"
Description of the bit 29 to 24 (PSL5 to PSL0 bit) in the FlexRay CC
Status Vector Register (FRCCSV) corrected
Error: Set to B’000100 when leaving HALT state.
Adds
by
REV.A
32-76
32.7.1
FlexRay CC
Status Vector
Register
Correct: Set to B’000000 when leaving HALT state.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com