Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5526 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HC5526
Description  ITU CO/PABX SLIC with Low Power Standby
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5526 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HC5526 Datasheet HTML 7Page - Renesas Technology Corp HC5526 Datasheet HTML 8Page - Renesas Technology Corp HC5526 Datasheet HTML 9Page - Renesas Technology Corp HC5526 Datasheet HTML 10Page - Renesas Technology Corp HC5526 Datasheet HTML 11Page - Renesas Technology Corp HC5526 Datasheet HTML 12Page - Renesas Technology Corp HC5526 Datasheet HTML 13Page - Renesas Technology Corp HC5526 Datasheet HTML 14Page - Renesas Technology Corp HC5526 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
HC5526
FN4151 Rev 8.00
Page 11 of 19
August 2003
resistor value and the programmable saturation guard
reference voltage:
where:
VSGREF = Saturation Guard reference voltage, and,
RSG = Saturation Guard programming resistor.
When the Saturation guard reference voltage is exceeded, the
tip to ring voltage is calculated using Equation 4:
where:
VTR = Voltage differential between tip and ring, and,
RL = Loop resistance.
For on-hook transmission RL = , Equation 4 reduces to:
The value of RSG should be calculated to allow maximum loop
length operation. This requires that the saturation guard
reference voltage be set as high as possible without clipping
the incoming or outgoing VF signal. A voltage margin of -4V on
tip and -4V on ring, for a total of -8V margin, is recommended
as a general guideline. The value of RSG is calculated using
Equation 6:
where:
VBAT = Battery voltage, and
VMARGIN = Recommended value of -8V to allow a maximum
overload level of 3.1VPEAK.
For on-hook transmission RL = , Equation 6 reduces to:
SLIC in the Standby Mode
Overall system power is saved by configuring the SLIC in the
standby state when not in use. In the standby state the tip and
ring amplifiers are disabled and internal resistors are
connected between tip to ground and ring to VBAT. This
connection enables a loop current to flow when the phone
goes off-hook. The loop current detector then detects this
current and the SLIC is configured in the active mode for voice
transmission. The loop current in standby state is calculated as
follows:
where:
IL = Loop current in the standby state,
RL = Loop resistance, and
VBAT = Battery voltage.
(AC) Transmission Path
SLIC in the Active Mode
Figure 16 shows a simplified AC transmission model. Circuit
analysis yields the following design equations:
where:
VTR = Is the AC metallic voltage between tip and ring,
including the voltage drop across the fuse resistors RF,
VTX = Is the AC metallic voltage. Either at the ground
referenced 4-wire side or the SLIC tip and ring terminals,
IM = Is the AC metallic current,
RF = Is a fuse resistor,
ZT = Is used to set the SLIC’s 2-wire impedance,
VRX = Is the analog ground referenced receive signal,
ZRX = Is used to set the 4-wire to 2-wire gain,
EG = Is the AC open circuit voltage, and
ZL = Is the line impedance.
(AC) 2-Wire Impedance
The AC 2-wire impedance (ZTR) is the impedance looking into
the SLIC, including the fuse resistors, and is calculated as
follows:
Let VRX = 0. Then from Equation 10:
ZTR is defined as:
Substituting in Equation 9 for VTR:
Substituting in Equation 12 for VTX:
VSGREF
12.5 510
5
RSG
------------------
+
=
(EQ. 3)
VTR
RL
16.66 5 10
5
RSG
+
RL RDC1 RDC2
+
 600
+
----------------------------------------------------------------------
=
(EQ. 4)
VTR
16.66 510
5
RSG
------------------
+
=
(EQ. 5)
RSG
510
5
VBAT VMARGIN
–

1
RDC1 RDC2
+

600RL
------------------------------------------
+



16.66V
–
--------------------------------------------------------------------------------------------------------------------------------------------------
=
(EQ. 6)
RSG
510
5
VBAT VMARGIN 16.66V
–
–
----------------------------------------------------------------------------
=
(EQ. 7)
IL
VBAT 3V
–
RL 1800
+
--------------------------------
(EQ. 8)
VTR
VTX IM 2RF
+
=
(EQ. 9)
VTX
ZT
-----------
VRX
ZRX
-----------
+
IM
1000
-------------
=
(EQ. 10)
VTR
EG IM ZL
–
=
(EQ. 11)
VTX
ZT
IM
1000
-------------
=
(EQ. 12)
ZTR
VTR
IM
-----------
=
(EQ. 13)
ZTR
VTX
IM
-----------
2RF IM
IM
-----------------------
+
=
(EQ. 14)
ZTR
ZT
1000
-------------
2RF
+
=
(EQ. 15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com