Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC5526 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HC5526
Description  ITU CO/PABX SLIC with Low Power Standby
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5526 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HC5526 Datasheet HTML 9Page - Renesas Technology Corp HC5526 Datasheet HTML 10Page - Renesas Technology Corp HC5526 Datasheet HTML 11Page - Renesas Technology Corp HC5526 Datasheet HTML 12Page - Renesas Technology Corp HC5526 Datasheet HTML 13Page - Renesas Technology Corp HC5526 Datasheet HTML 14Page - Renesas Technology Corp HC5526 Datasheet HTML 15Page - Renesas Technology Corp HC5526 Datasheet HTML 16Page - Renesas Technology Corp HC5526 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
HC5526
FN4151 Rev 8.00
Page 13 of 19
August 2003
Supervisory Functions
The loop current, ground key and the ring trip detector outputs
are multiplexed to a single logic output pin called DET. See
Table 1 to determine the active detector for a given logic input.
For further discussion of the logic circuitry see section titled
“Digital Logic Inputs”.
Before proceeding with an explanation of the loop current
detector, ground key detector and later the longitudinal
impedance, it is important to understand the difference between a
“metallic” and “longitudinal” loop currents. Figure 18 illustrates 3
different types of loop current encountered.
Case 1 illustrates the metallic loop current. The definition of a
metallic loop current is when equal currents flow out of tip and
into ring. Loop current is a metallic current.
Cases 2 and 3 illustrate the longitudinal loop current. The
definition of a longitudinal loop current is a common mode
current, that flows either out of or into tip and ring
simultaneously. Longitudinal currents in the on-hook state
result in equal currents flowing through the sense resistors R1
and R2 (Figure 18). And longitudinal currents in the off-hook
state result in unequal currents flowing through the sense
resistors R1 and R2. Notice that for case 2, longitudinal
currents flowing away from the SLIC, the current through R1 is
the metallic loop current plus the longitudinal current; whereas
the current through R2 is the metallic loop current minus the
longitudinal current. Longitudinal currents are generated when
the phone line is influenced by magnetic fields (e.g., power
lines).
Loop Current Detector
Figure 18 shows a simplified schematic of the loop current and
ground key detectors. The loop current detector works by
sensing the metallic current flowing through resistors R1 and R2.
This results in a current (IRD) out of the transconductance
amplifier (gm1) that is equal to the product of gm1 and the
metallic loop current. IRD then flows out the RD pin and through
resistor RD to VEE. The value of IRD is equal to:
The IRD current results in a voltage drop across RD that is
compared to an internal 1.25V reference voltage. When the
voltage drop across RD exceeds 1.25V, and the logic is
configured for loop current detection, the DET pin goes low.
The hysteresis resistor RH adds an additional voltage
effectively across RD, causing the on-hook to off-hook
threshold to be slightly higher than the off-hook to on-hook
threshold.
Taking into account the hysteresis voltage, the typical value of
RD for the on-hook to off-hook condition is:
Taking into account the hysteresis voltage, the typical value of
RD for the off-hook to on-hook condition is:
A filter capacitor (CD) in parallel with RD will improve the
accuracy of the trip point in a noisy environment. The value of
this capacitor is calculated using the following Equation:
where: T = 0.5ms.
Ground Key Detector
A simplified schematic of the ground key detector is shown in
Figure 18. Ground key, is the process in which the ring terminal
is shorted to ground for the purpose of signaling an Operator or
seizing a phone line (between the Central Office and a Private
Branch Exchange). The Ground Key detector is activated when
unequal current flow through resistors R1 and R2. This results in
a current (IGK) out of the transconductance amplifier (gm2) that
is equal to the product of gm2 and the differential (ITIP -IRING)
loop current. If IGK is less than the internal current source (I1),
then diode D1 is on and the output of the ground key comparator
is low. If IGK is greater than the internal current source (I1), then
diode D2 is on and the output of the ground key comparator is
high. With the output of the ground key comparator high, and the
logic configured for ground key detect, the DET pin goes low.
The ground key detector has a built in hysteresis of typically
5mA between its trigger and reset values.
Ring Trip Detector
Ring trip detection is accomplished with the internal ring trip
comparator and the external circuitry shown in Figure 19. The
process of ring trip is initiated when the logic input pins are in the
following states: E0 = 0, E1 = 1/0, C1 = 1 and C2 = 0. This logic
condition connects the ring trip comparator to the DET output, and
causes the Ringrly pin to energize the ring relay. The ring relay
connects the tip and ring of the phone to the external circuitry in
Figure 19. When the phone is on-hook the DT pin is more positive
than the DR pin and the DET output is high. For off-hook
conditions DR is more positive than DT and DET goes low. When
DET goes low, indicating that the phone has gone off-hook, the
SLIC is commanded by the logic inputs to go into the active state.
In the active state, tip and ring are once again connected to the
phone and normal operation ensues.
HC5526
VTX
RSN
RTX
RFB
CODEC/
FILTER
I1
I2
VTX
ZRX
ZT
+
-
ZB
VRX
+
-
+
-
FIGURE 17. TRANSHYBRID CIRCUIT
IRD
ITIP IRING
–
600
------------------------------------
IL
300
----------
==
(EQ. 24)
RD
465
ION HOOK to OFF
–
HOOK
–
--------------------------------------------------------------------------
=
(EQ. 25)
RD
375
IOFF HOOK to ON
–
HOOK
–
--------------------------------------------------------------------------
=
(EQ. 26)
CD
T
RD
--------
=
(EQ. 27)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com