Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTS240AD/SAMPLE Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HCTS240AD/SAMPLE
Description  Radiation Hardened Octal Buffer/Line Driver, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCTS240AD/SAMPLE Datasheet(HTML) 4 Page - Renesas Technology Corp

  HCTS240AD/SAMPLE Datasheet HTML 1Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 2Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 3Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HCTS240AMS
FN2105 Rev 2.00
Page 4 of 10
September 1995
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
Input to Output
TPHL
VCC = 4.5V, VIH = 3.0V,
VIL = 0V
9+25oC
2
22
ns
10, 11
+125oC, -55oC
2
25
ns
TPLH
VCC = 4.5V, VIH = 3.0V,
VIL = 0V
9+25oC
2
20
ns
10, 11
+125oC, -55oC
2
23
ns
Propagation Delay
Enable to Output
TPZL
VCC = 4.5V, VIH = 3.0V,
VIL = 0V
9+25oC
2
30
ns
10, 11
+125oC, -55oC
2
35
ns
TPZH
VCC = 4.5V, VIH = 3.0V,
VIL = 0V
9+25oC
2
22
ns
10, 11
+125oC, -55oC
2
25
ns
Propagation Delay
Disable to Output
TPLZ
VCC = 4.5V, VIH = 3.0V,
VIL = 0V
9+25oC
2
23
ns
10, 11
+125oC, -55oC
2
26
ns
TPHZ
VCC = 4.5V, VIH = 3.0V,
VIL = 0V
9+25oC
2
21
ns
10, 11
+125oC, -55oC
2
23
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
, CL = 50pF, Input tr = tf = 3ns, VIL = GND, VIH = 3V.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power Dissipation
CPD
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
+25oC
-
135
pF
+125oC, -55oC
150
pF
Input Capacitance
CIN
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
+25oC
-
10
pF
+125oC, -55oC
-
10
pF
Output Capacitance
COUT
VCC = 5.0V, VIH = 5.0V,
VIL = 0V, f = 1MHz
+25oC
-
20
pF
+125oC, -55oC
-
20
pF
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Supply Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC-
0.75
mA
Output Current (Sink)
IOL
VCC = VIH = 4.5V, VOUT = 0.4V, VIL = 0V
+25oC6.0
-
mA
Output Current
(Source)
IOH
VCC = VIH = 4.5V, VOUT = VCC -0.4V,
VIL = 0V
+25oC-6.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V, VIH = 2.25V, VIL = 0.8V ,
IOL = 50
A
+25oC-
0.1
V
VCC = 5.5V, VIH = 2.75V, VIL = 0.8V ,
IOL = 50
A
+25oC-
0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com