Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTS240AD/SAMPLE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HCTS240AD/SAMPLE
Description  Radiation Hardened Octal Buffer/Line Driver, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCTS240AD/SAMPLE Datasheet(HTML) 5 Page - Renesas Technology Corp

  HCTS240AD/SAMPLE Datasheet HTML 1Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 2Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 3Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HCTS240AMS
FN2105 Rev 2.00
Page 5 of 10
September 1995
Output Voltage High
VOH
VCC = 4.5V, VIH = 2.25V, VIL = 0.8V,
IOH = -50
A
+25oCVCC
-0.1
-V
VCC = 5.5V, VIH = 2.75V, VIL = 0.8V,
IOH = -50
A
+25oCVCC
-0.1
-V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
5
A
Three-State Output
Leakage Current
IOZ
VCC = 5.5V, Force Voltage = 0V or VCC
+25oC-
50
A
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V, VIL = 0.8V,
(Note 2)
+25oC-
-
V
Propagation Delay
Input to Output
TPHL
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
25
ns
TPLH
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
23
ns
Propagation Delay
Enable to Output
TPZL
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
35
ns
TPZH
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
25
ns
Propagation Delay
Disable to Output
TPLZ
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
26
ns
TPHZ
VCC = 4.5V, VIH = 3.0V, VIL = 0V
+25oC
2
23
ns
NOTES:
1. All voltages referenced to device GND.
2. For functional tests VO
 4.0V is recognized as a logic “1”, and VO  0.5V is recognized as a logic “0”.
TABLE 5. DELTA PARAMETERS (+25oC)
PARAMETER
GROUP B
SUBGROUP
DELTA LIMIT
ICC
5
12
A
IOZ
5
200nA
IOL/IOH
5
-15% of 0 Hour
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUPS
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Preburn-In)
100%/5004
1, 7, 9
ICC, IOL/H, IOZL/H
Interim Test I (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H, IOZL/H
Interim Test II (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H, IOZL/H
PDA
100%/5004
1, 7, 9, Deltas
Interim Test III (Postburn-In)
100%/5004
1, 7, 9
ICC, IOL/H, IOZL/H
PDA
100%/5004
1, 7, 9, Deltas
Final Test
100%/5004
2, 3, 8A, 8B, 10, 11
Group A (Note 1)
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample/5005
1, 7, 9
Group D
Sample/5005
1, 7, 9
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com