Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTS240AD/SAMPLE Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HCTS240AD/SAMPLE
Description  Radiation Hardened Octal Buffer/Line Driver, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCTS240AD/SAMPLE Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HCTS240AD/SAMPLE Datasheet HTML 2Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 3Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp HCTS240AD/SAMPLE Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
HCTS240AMS
FN2105 Rev 2.00
Page 10 of 10
September 1995
Die Characteristics
DIE DIMENSIONS:
106mils x 108mils
2.68mm x 2.74mm
METALLIZATION:
Type: SiAl
Metal Thickness: 11k
Å 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å  2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
m x 100m
4 mils x 4 mils
Metallization Mask Layout
HCTS240AMS
NOTE: The die diagram is a generic plot from a similar HCS device. It is intended to indicate approximate die size and bond pad location. The mask
series for the HCTS240A is TA14400B.
1 A1 (4)
2 Y2 (5)
1 A2 (6)
2 Y1 (7)
(18) 1 Y0
(17) 2 A3
(16) 1 Y1
(15) 2 A2
(14) 1 Y2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com