Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTS299MS Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HCTS299MS
Description  Radiation Hardened 8-Bit Universal Shift Register; Three-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCTS299MS Datasheet(HTML) 5 Page - Renesas Technology Corp

  HCTS299MS Datasheet HTML 1Page - Renesas Technology Corp HCTS299MS Datasheet HTML 2Page - Renesas Technology Corp HCTS299MS Datasheet HTML 3Page - Renesas Technology Corp HCTS299MS Datasheet HTML 4Page - Renesas Technology Corp HCTS299MS Datasheet HTML 5Page - Renesas Technology Corp HCTS299MS Datasheet HTML 6Page - Renesas Technology Corp HCTS299MS Datasheet HTML 7Page - Renesas Technology Corp HCTS299MS Datasheet HTML 8Page - Renesas Technology Corp HCTS299MS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HCTS299MS
FN3069 Rev 1.00
Page 5 of 12
August 1995
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
CLK to I/On
TPHL,
TPLH
VCC = 4.5V
9
+25oC
2
28
ns
10, 11
+125oC, -55oC
2
32
ns
CLK to Q0, Q7
TPHL,
TPLH
VCC = 4.5V
9
+25oC
2
30
ns
10, 11
+125oC, -55oC
2
34
ns
MR to Output
TPHL
VCC = 4.5V
9
+25oC
2
32
ns
10, 11
+125oC, -55oC
2
36
ns
OEn to Output
TPZH
VCC = 4.5V
9
+25oC
2
23
ns
10, 11
+125oC, -55oC
2
25
ns
TPHZ
9
+25oC
2
25
ns
10, 11
+125oC, -55oC
2
27
ns
TPZL
9
+25oC
2
30
ns
10, 11
+125oC, -55oC
2
34
ns
TPLZ
9
+25oC
2
30
ns
10, 11
+125oC, -55oC
2
34
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, f = 1MHz
1
+25oC
-
147
pF
1
+125oC, -55oC
-
171
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
1
+25oC
-
10
pF
1
+125oC
-
10
pF
Output Transition
Time
TTHL,
TTLH
VCC = 4.5V
1
+25oC
-
15
ns
1
+125oC, -55oC
-
22
ns
Max Operating
Frequency
FMAX
VCC = 4.5V
1
+25oC-
25
MHz
1
+125oC, -55oC-
16
MHz
Setup Time DS0,
DS7, I/On to CLK
TSU
VCC = 4.5V
1
+25oC20
-
ns
1
+125oC, -55oC30
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com