Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTS299MS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HCTS299MS
Description  Radiation Hardened 8-Bit Universal Shift Register; Three-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCTS299MS Datasheet(HTML) 1 Page - Renesas Technology Corp

  HCTS299MS Datasheet HTML 1Page - Renesas Technology Corp HCTS299MS Datasheet HTML 2Page - Renesas Technology Corp HCTS299MS Datasheet HTML 3Page - Renesas Technology Corp HCTS299MS Datasheet HTML 4Page - Renesas Technology Corp HCTS299MS Datasheet HTML 5Page - Renesas Technology Corp HCTS299MS Datasheet HTML 6Page - Renesas Technology Corp HCTS299MS Datasheet HTML 7Page - Renesas Technology Corp HCTS299MS Datasheet HTML 8Page - Renesas Technology Corp HCTS299MS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FN3069 Rev 1.00
Page 1 of 12
August 1995
FN3069
Rev 1.00
August 1995
HCTS299MS
Radiation Hardened 8-Bit Universal Shift Register; Three-State
DATASHEET
Features
• 3 Micron Radiation Hardened CMOS SOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Fanout (Over Temperature Range)
-Bus Driver Outputs: 15 LSTTL Loads
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
-VIL = 0.8V Max
-VIH = VCC/2 Min
• Input Current Levels Ii
 5A at VOL, VOH
Description
The Intersil HCTS299MS is a Radiation Hardened 8-bit shift/
storage register with three-state bus interface capability. The
register has four synchronous operating modes controlled by
the two select inputs (S0, S1). The mode select, the serial
data (DS0, DS7) and the parallel data (IO0 - IO7) respond
only to the low to high transition of the clock (CP) pulse. S0,
S1 and the data inputs must be one set up time period prior
to the clocks positive transition. The master reset (MR) is an
asynchronous active low input.
The HCTS299MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family
with TTL input compatibility.
Pinouts
20 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T20
TOP VIEW
20 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP4-F20
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
S0
OE1
OE2
I/O6
I/O4
I/O2
Q0
I/O0
MR
GND
VCC
DS7
Q7
I/O7
S1
I/O5
I/O3
I/O1
CP
DS0
2
3
4
5
6
7
8
120
19
18
17
16
15
14
13
S0
OE1
OE2
I/O6
I/O4
I/O2
I/O0
Q0
9
10
12
11
MR
GND
VCC
S1
DS7
Q7
I/O7
I/O5
I/O3
I/O1
CP
DS0
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCTS299DMSR
-55oC to +125oC
Intersil Class S Equivalent
20 Lead SBDIP
HCTS299KMSR
-55oC to +125oC
Intersil Class S Equivalent
20 Lead Ceramic Flatpack
HCTS299D/Sample
+25oC
Sample
20 Lead SBDIP
HCTS299K/Sample
+25oC
Sample
20 Lead Ceramic Flatpack
HCTS299HMSR
+25oCDie
Die


Similar Part No. - HCTS299MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS299MS INTERSIL-HCTS299MS Datasheet
118Kb / 13P
Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
HCTS299MS INTERSIL-HCTS299MS Datasheet
279Kb / 12P
Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
HCTS299MS INTERSIL-HCTS299MS_02 Datasheet
279Kb / 12P
Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
More results

Similar Description - HCTS299MS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC299 PHILIPS-74HC299 Datasheet
85Kb / 11P
8-bit universal shift register; 3-state
December 1990
logo
Intersil Corporation
HCTS299MS INTERSIL-HCTS299MS Datasheet
118Kb / 13P
Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
logo
Texas Instruments
CD54HCT299 TI-CD54HCT299 Datasheet
288Kb / 15P
High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
CD54HCT299 TI-CD54HCT299_07 Datasheet
431Kb / 17P
High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
logo
Intersil Corporation
HCTS299MS INTERSIL-HCTS299MS_02 Datasheet
279Kb / 12P
Radiation Hardened 8-Bit Universal Shift Register; Three-State
August 1995
logo
NXP Semiconductors
74HC299 NXP-74HC299 Datasheet
151Kb / 24P
8-bit universal shift register; 3-state
Rev. 03-28 July 2008
74HC_HCT299 PHILIPS-74HC_HCT299_15 Datasheet
151Kb / 24P
8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Aeroflex Circuit Techno...
UT54ACS299E AEROFLEX-UT54ACS299E Datasheet
162Kb / 14P
CMOS 8-bit Universal Shift/Storage Register with Three-State Outputs
logo
Nexperia B.V. All right...
74HC299-Q100 NEXPERIA-74HC299-Q100 Datasheet
254Kb / 15P
8-bit universal shift register; 3-state
Rev. 1 - 2 March 2020
74HC299 NEXPERIA-74HC299 Datasheet
269Kb / 15P
8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com