Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTS299MS Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HCTS299MS
Description  Radiation Hardened 8-Bit Universal Shift Register; Three-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCTS299MS Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HCTS299MS Datasheet HTML 4Page - Renesas Technology Corp HCTS299MS Datasheet HTML 5Page - Renesas Technology Corp HCTS299MS Datasheet HTML 6Page - Renesas Technology Corp HCTS299MS Datasheet HTML 7Page - Renesas Technology Corp HCTS299MS Datasheet HTML 8Page - Renesas Technology Corp HCTS299MS Datasheet HTML 9Page - Renesas Technology Corp HCTS299MS Datasheet HTML 10Page - Renesas Technology Corp HCTS299MS Datasheet HTML 11Page - Renesas Technology Corp HCTS299MS Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
HCTS299MS
FN3069 Rev 1.00
Page 12 of 12
August 1995
Die Characteristics
DIE DIMENSIONS:
123 x 94 mils
METALLIZATION:
Type: SiAl
Metal Thickness: 11k
Å 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å  2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
m x 100m
4 mils x 4 mils
Metallization Mask Layout
HCTS299MS
NOTE: The die diagram is a generic plot from a similar HCS device. It is intended to indicate approximate die size and bond pad location. The mask
series for the HCTS299 is TA14480A.
(17) Q7
(16) I/O7
(15) I/O5
(14) I/O3
(13) I/O1
OE2 (3)
I/O6 (4)
I/O4 (5)
I/O2 (6)
I/O0 (7)
Q0 (8)
(18) DS7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com