Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2060AS2 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HIP2060AS2
Description  60V, 10A Half Bridge Power MOSFET Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2060AS2 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HIP2060AS2 Datasheet HTML 1Page - Renesas Technology Corp HIP2060AS2 Datasheet HTML 2Page - Renesas Technology Corp HIP2060AS2 Datasheet HTML 3Page - Renesas Technology Corp HIP2060AS2 Datasheet HTML 4Page - Renesas Technology Corp HIP2060AS2 Datasheet HTML 5Page - Renesas Technology Corp HIP2060AS2 Datasheet HTML 6Page - Renesas Technology Corp HIP2060AS2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FN3983 Rev 5.00
Page 3 of 7
April 1998
HIP2060
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2002. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Turn-On Delay Time (Note 5)
td(ON)
VDD = 30V, RL = 3
ID = 10A, VGS = 10V, RG = 50
See Figure 14
-
4
-
ns
Rise Time (Note 5)
tr
-
5
-
ns
Turn-Off Delay Time (Note 5)
td(OFF)
-
12
-
ns
Fall Time (Note 5)
tf
-6
-
ns
Total Gate Charge (Note 5)
Qg(TOT)
VDS = 50V, VGS = 10V, ID = 10A
See Figures 16 and 17
-
10.5
12.0
nC
Gate-Source Charge (Note 5)
Qgs
-
1.4
2.0
nC
Gate-Drain Charge (Note 5)
Qgd
-
4.9
5.5
nC
Short-Circuit Input Capacitance,
Common Source
CISS
VDS = 25V, VGS = 0V, f = 1MHz
-
230
-
pF
Short-Circuit Output Capacitance,
Common Source for Upper FET
COSS(U)
-
150
-
pF
Short Circuit Output Capacitance
Common Source for Lower FET
COSS(L)
-
225
-
pF
Short-Circuit Reverse Transfer
Capacitance, Common Source
CRSS
-
40
-
pF
Thermal Resistance Junction to Case
RJC
-
-
2.7
oC/W
Thermal Resistance Junction to Ambient
RJA
-
-
60
oC/W
Electrical Specifications
TC = 25oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source-Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SOURCE-TO-DRAIN DIODE SPECIFICATIONS (Across Z1 and Z2)
Forward Voltage (Note 4)
VSD
ISD = 10A, VGS = 0V
-
1.05
1.25
V
Reverse Recovery Time (Across Z1)
trr(S1-D1)
ISD = 10A, dISD/dt = 100A/s
-
50
-
ns
Reverse Recovery Time (Across Z2)
trr(S2-D2)
ISD = 10A, dISD/dt = 100A/s
-
75
-
ns
SOURCE2-TO-DRAIN1 DIODE SPECIFICATIONS D (Across D1)
Forward Voltage (Note 4)
VSD
ISD = 10A, VGS = 0V
-
8.5
9.5
V
Reverse Recovery Time
trr
ISD = 10A, dISD/dt = 100A/s
-
200
-
ns
DEVICE MATCHING
Drain-Source On Resistance Match
rDS(ON)M
VGS = 10V, ID = 10A, TC = 25oC-
90
-
%
NOTES:
4. Pulse test: Pulse Width
 300s, Duty Cycle  2%.
5. Independent of operating temperature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com