Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2060AS2 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HIP2060AS2
Description  60V, 10A Half Bridge Power MOSFET Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2060AS2 Datasheet(HTML) 7 Page - Renesas Technology Corp

  HIP2060AS2 Datasheet HTML 1Page - Renesas Technology Corp HIP2060AS2 Datasheet HTML 2Page - Renesas Technology Corp HIP2060AS2 Datasheet HTML 3Page - Renesas Technology Corp HIP2060AS2 Datasheet HTML 4Page - Renesas Technology Corp HIP2060AS2 Datasheet HTML 5Page - Renesas Technology Corp HIP2060AS2 Datasheet HTML 6Page - Renesas Technology Corp HIP2060AS2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
HIP2060
FN3983 Rev 5.00
Page 7 of 7
April 1998
Device Model Netlist for HIP2060 Half Bridge Power MOSFET Array
.SUBCKT HIP2060 1 2 3 4 5
X1
6 1 7 3 HIP2060_1
LS1 5 6 7.5n
X2
7 2 8 3 HIP2060_1
LS2 7 4 7.5n
LS3 8 3 7.5n
.ENDS
.SUBCKT HIP2060_1 3 2 11 9
MOS1
4 2
1 1 NMOS1
JFET
10 1 4 J1
D1
5 6
D1
DBODY
1 10
D2
DBREAK 10 7
D3
DSUB
9
3
D4
VBREAK
7 1
DC 90
C21
2 1
850P
C23
2 10
50P
C24
2 4
1350P
RDRAIN
3 10
1.5e-03
RSOURCE 1
11 17.5e-03
FDSCHRG 4 2
VMEAS 1.0
E41
5 11 4 1 1.0
VPINCH 6
8
DC 10.0
VMEAS
8 11
DC 0.0
.MODEL NMOS1 NMOS LEVEL=3 (VTO=2.75 TOX=5e-08 KP=3.150e-03 PHI=0.65 GAMMA=2.55
+ VMAX=6.42e+07 NSUB=4.33e+16 THETA=0.60973 ETA=0.0015 KAPPA=1.275 L=1u W=5950u)
.MODEL J1 NJF (VTO=-15.0 BETA=10.736 LAMBDA=1.15e-02 P1.MODEL D1 D (IS=1.0e-15 N=0.03 RS=1.0)
.MODEL D2 D (IS=3.0e-13 RS=2.5e-03 TT=20N CJO=350e-12)
.MODEL D3 D (IS=1.0e-13 N=1.0 RS=2.0)
.MODEL D4 D (IS=1.0e-13 RS=2.0e-03 CJO=197e-12)
.ENDS
NOTE: For further discussion of the PSPICE PowerFET Macromodel consult “Spicing-up SPICE II Software for Power MOSFET Modeling”, Inter-
sil Application Note AN8610.
+
+
FEEDBACK
HIP4080A
AUDIO INPUT
250kHz
+12V
+12V
+36V
100k
100k
3.9
0.47
F
1
F
30
H
10
10
100
0.1
10
10
HIP2060
0.22
F
0.22
F
0.22
F
0.22
F
0.22
F
0.001
F
ILIM
UF 4002
UF 4002
RL = 8
1
F
30
H
HIP2060
BHB
HEN
DIS
VSS
OUT
IN+
IN-
HDEL
LDEL
AHB
BHO
BHS
BLO
BLS
VDD
VCC
ALS
ALO
AHS
AHO
FIGURE 18. 70W SWITCHING AUDIO AMPLIFIER APPLICATION CIRCUIT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com