Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2060AS2 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP2060AS2
Description  60V, 10A Half Bridge Power MOSFET Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2060AS2 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP2060AS2 Datasheet HTML 1Page - Renesas Technology Corp HIP2060AS2 Datasheet HTML 2Page - Renesas Technology Corp HIP2060AS2 Datasheet HTML 3Page - Renesas Technology Corp HIP2060AS2 Datasheet HTML 4Page - Renesas Technology Corp HIP2060AS2 Datasheet HTML 5Page - Renesas Technology Corp HIP2060AS2 Datasheet HTML 6Page - Renesas Technology Corp HIP2060AS2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HIP2060
FN3983 Rev 5.00
Page 4 of 7
April 1998
Typical Performance Curves
FIGURE 1. SAFE-OPERATING AREA CURVE
FIGURE 2. UNCLAMPED INDUCTIVE-SWITCHING
FIGURE 3. SATURATION CHARACTERISTICS
FIGURE 4. TRANSFER CHARACTERISTICS
FIGURE 5. NORMALIZED rDS(ON) vs JUNCTION TEMPERATURE
FIGURE 6. NORMALIZED BVDSS vs JUNCTION TEMPERATURE
1
5
10
50
100
5
10
50
0.5
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
1
DC
10ms
1ms
100
s
10
s
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
TC = 25oC
1
0.01
1
0.1
5
10
50
tAV, TIME IN AVALANCHE (ms)
0.001
STARTING TC = 25oC
STARTING TC = 125oC
0
2
4
6
8
10
0
5
10
15
20
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
VGS = 15V
VGS = 12V
VGS = 10V
VGS = 8V
PULSE DURATION = 300
s, TC = 25oC
0
2
4
6
8
10
0
5
10
15
20
VGS, GATE-TO-SOURCE VOLTAGE (V)
150oC
25oC
-40oC
VDS = 15V
0
0.5
1.0
1.5
2.0
2.5
TJ, JUNCTION TEMPERATURE (oC)
-75
-25
25
75
125
175
PULSE DURATION = 300
s, VGS = 10V, ID = 10A
TJ, JUNCTION TEMPERATURE (oC)
-75
-25
25
75
125
175
0.8
0.9
1.0
1.1
1.2
ID = 100A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com