Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6201CB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP6201CB
Description  Transient Voltage Regulator DeCAPitator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6201CB Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP6201CB Datasheet HTML 1Page - Renesas Technology Corp HIP6201CB Datasheet HTML 2Page - Renesas Technology Corp HIP6201CB Datasheet HTML 3Page - Renesas Technology Corp HIP6201CB Datasheet HTML 4Page - Renesas Technology Corp HIP6201CB Datasheet HTML 5Page - Renesas Technology Corp HIP6201CB Datasheet HTML 6Page - Renesas Technology Corp HIP6201CB Datasheet HTML 7Page - Renesas Technology Corp HIP6201CB Datasheet HTML 8Page - Renesas Technology Corp HIP6201CB Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HIP6200, HIP6201
FN4423 Rev 3.00
Page 4 of 9
February 5, 2015
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC, PVCC . . . . . . . . . . . . . . . . . . . . . . . . . . +7.0V
EN, CAP, OUT, SNS . . . . . . . . . . . . . . . . . . . . . . .GND-0.3V to +7V
GND - PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +0.5V
Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V 5%
Output Device Supply Voltage, PVCC . . . . . . . . . . . . +4.5V to +5.5V
Output Voltage, OUT = SNS = CAP . . . . . . . . . . . . . +1.3V to +2.0V
Load Transient Current
 8A
Ambient Operating Temperature Range . . . . . . . . . . . . 0°C to 70°C
Junction Temperature Range . . . . . . . . . . . . . . . . . . . 0°C to 125°C
Thermal Resistance (Typical, Note 1)
JA (°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
145°C/W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply
IVCC
-
300
-
A
Shutdown Supply
IVCC_SD
EN = GND
-
1
-
A
PROTECTION CIRCUITRY
EN Threshold
VTH_EN
0.8
1.5
2.0
V
Overtemperature (OT) Threshold
OT
130
150
170
oC
On-Resistance of OT NMOS
Rds_TFN
-
250
600
POWER-ON RESET (POR)
VCC Rising Threshold
VTHH_VCC EN = VCC
-4.1
4.5
V
VCC Falling Threshold
VTHL_VCC EN = VCC
3.6
4.0
-
V
CAP Rising Threshold
VTH_CAP
EN = VCC
-
1.10
1.20
V
CAP Falling Threshold
EN = VCC
0.95
1.05
-
V
POR Turn-Off Delay to EN Falling
-2
-
s
POR Turn-On Delay to EN Rising
-1
-
ms
POR Turn-Off Delay to VCC UV
EN = VCC, VCC Falling
-
15
-
s
POR Turn-On Delay after VCC UV
EN = VCC, VCC Rising
-
15
-
s
POR Turn-Off Delay to CAP UV
EN = VCC, CAP Falling
-
2
-
s
POR Turn-On Delay after CAP UV
EN = VCC, CAP Rising
-
15
-
s
REFERENCE VOLTAGE
VSNS - VCAP
VHIGH
CAP = 2V, SNS Increased Until Amplifier Turns On
-
30
-
mV
VCAP - VSNS
VLOW
CAP = 2V, SNS Decreased Until Amplifier Turns On
-
20
-
mV
AMPLIFIERS
Transconductance
-
500
-
A/V
Response Time (Rising)
60mV Step on OUT, Time for IOUT < -4A
50
100
175
ns
Response Time (Falling)
-60mV Step on OUT, Time for IOUT > 4A
50
100
175
ns
RESISTOR VALUES
Small Time Constant Resistor
RT1
120
200
250
Large Time Constant Resistor
RT2
3000
4000
5500
VCC to PVCC Resistor
RVCC
610
16
OUT to SNS Resistor
ROUT
1000
1500
2100
GND to PGND Resistors
RGND
-
140
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com