Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6201CB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HIP6201CB
Description  Transient Voltage Regulator DeCAPitator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6201CB Datasheet(HTML) 6 Page - Renesas Technology Corp

  HIP6201CB Datasheet HTML 1Page - Renesas Technology Corp HIP6201CB Datasheet HTML 2Page - Renesas Technology Corp HIP6201CB Datasheet HTML 3Page - Renesas Technology Corp HIP6201CB Datasheet HTML 4Page - Renesas Technology Corp HIP6201CB Datasheet HTML 5Page - Renesas Technology Corp HIP6201CB Datasheet HTML 6Page - Renesas Technology Corp HIP6201CB Datasheet HTML 7Page - Renesas Technology Corp HIP6201CB Datasheet HTML 8Page - Renesas Technology Corp HIP6201CB Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HIP6200, HIP6201
FN4423 Rev 3.00
Page 6 of 9
February 5, 2015
Detailed Functional Description
As shown in the Block Diagram, the HIP6200 has two
comparators which compare the voltage on the CAP pin to
the voltage on the SNS pin. The CAP voltage follows the
SNS voltage with an R-C delay which is user programmable
and also variable depending upon the state of the amplifiers.
Normally, resistor RT1 is in parallel with RT2 when the
amplifiers are not active. RT1 is small and the CAP voltage
(VCAP) follows the SNS voltage (VSNS) closely. During a
transient, when either amplifier is active, the switch in series
with RT1 opens and RT2 alone (with the capacitor on CAP)
sets the time constant. Since RT2 is 20 times larger than
RT1, the DeCAPitator has time to source or sink current as
the inductor current slews. The CAP voltage waveform is
depicted in the Typical Application Diagrams.
Prior to the load transient, VCAP follows VOUT (and
likewise VSNS) closely. This is important in many portable
applications because the DC/DC converter will be in an
energy-saving skip-cycle mode at light load currents. In this
mode, the output voltage ripple may be in excess of
2%
and could trip the HIP6200’s comparators if VCAP did not
track VSNS. This would turn on the amplifiers and waste
power. When a fast load transient occurs, VCAP no longer
follows VOUT and the DeCAPitator becomes active when
VOUT exceeds +1% or -1.5% of VCAP.
When the DeCAPitator is active, it either supplies current
from the PVCC pin or sources current to PGND. Because of
this, a high-quality capacitor must be placed locally from
PVCC to GND. The system 5V bus typically has a good
deal of bulk capacitance as well as high frequency
decoupling sprinkled across the application board. PVCC is
tied to the system 5V bus through an on-chip 10
 resistor.
This resistor helps isolate the system 5V from the
disturbances on PVCC.
The HIP6200 has a power-on reset function which ensures
that both VCC and CAP are at some minimum levels before
allowing amplifier operation. There is also an EN(ABLE) pin,
allowing users to disable the HIP6200 if desired. An
overtemperature (OT) shutdown feature ensures that the
HIP6200 will not self-destruct from thermal overload. An OT
event will shutdown the chip until the junction temperature
decreases a few degrees below its trip point.
The DeCAPitator draws very little bias current (300
A
typical) when its amplifiers are inactive. When either
amplifier is active, the chip draws 15-30mA of bias current.
This current is mainly for the active high-speed amplifier and
lasts only for the duration of the on-time of the HIP6200.
Component Selection Guidelines
Bulk Output Capacitors
For a given converter design without the HIP6200 in the
target application, the number of output capacitors is
determined mainly by the output voltage regulation and
transient specifications. It is estimated that for a load
transient of 0-8A with a di/dt of 20A/
s, eleven 220F, 0.1
low ESR tantalum capacitors are necessary to maintain CPU
core voltage regulation specifications. For identical
conditions with a HIP6200 employed, only five 100
F, 0.1
low ESR tantalums are required. Similar savings in output
capacitance can be achieved with other capacitor dielectric-
types.
The number of capacitors which can be eliminated on the
output is limited by either of the following:
1. Output voltage ripple - this increases proportional to the
equivalent ESR of the bulk output capacitance. This may
be counteracted by increasing the output inductance. In
many cases the inductor can remain the same because
the output ripple will still be acceptably small.
2. Leading edge voltage spike - this may increase with re-
duced number of capacitors. The HIP6200 and its very
fast response is very effective in handling this leading
edge spike up to a point. Some additional ceramic decou-
pling on the OUT pin can also help.
PVCC Capacitor
A 100
F, 0.1tantalum is recommended on the PVCC pin
for an application which has 8A transients (maximum
recommended operation of the HIP6200). RVCC is an
internal 10
 resistor from VCC to PVCC which decouples the
PVCC transient from the system 5V (VCC).
CAP Capacitor
The capacitor on the CAP pin sets the amount of time that
the HIP6200 has to sink or source current in response to a
load transient. The DeCAPitator on-time should be greater
than the converter response time. When the HIP6200’s
amplifiers are not active, the CAP pin follows the output
voltage closely to prevent false tripping at light loads due to
PWM skip-cycle modes of operation. These two boundaries
are addressed with RT1 and RT2 internal to the HIP6200
but must also be verified on each design.
The converter response time is the time interval required for
the inductor current to slew to the output load current. This
time is dramatically different for the two edges of the
transient event if there is a large differential between input
and output voltages of the converter. The converter
response times are approximated by v = L*di/dt:
where
TR1 = converter response time to low-to-high load transient
TR2 = converter response time to high-to-low load transient
TR1 LOUT
ISTEP
VIN VOUT
–

-------------------------------------
=
(EQ. 1)
TR2 LOUT
ISTEP
VOUT

---------------------
=
(EQ. 2)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com