Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6201CB Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HIP6201CB
Description  Transient Voltage Regulator DeCAPitator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6201CB Datasheet(HTML) 9 Page - Renesas Technology Corp

  HIP6201CB Datasheet HTML 1Page - Renesas Technology Corp HIP6201CB Datasheet HTML 2Page - Renesas Technology Corp HIP6201CB Datasheet HTML 3Page - Renesas Technology Corp HIP6201CB Datasheet HTML 4Page - Renesas Technology Corp HIP6201CB Datasheet HTML 5Page - Renesas Technology Corp HIP6201CB Datasheet HTML 6Page - Renesas Technology Corp HIP6201CB Datasheet HTML 7Page - Renesas Technology Corp HIP6201CB Datasheet HTML 8Page - Renesas Technology Corp HIP6201CB Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
HIP6200, HIP6201
FN4423 Rev 3.00
Page 9 of 9
February 5, 2015
Layout Considerations
FIGURE 6. TYPICAL SCHEMATIC
CAP
VCC
PVCC
OUT
GND
EN
SNS
PGND
P5V
C39
C38
0.1
C37
100
10V
C24-26
3x
1
16V
+
RTN
VOUT
4
8
5
3
2
6
7
1
8200p
RTN
C19-23
5x
100
10V
+
CERAMIC DECOUPLING
FOR HIGH di/dt LOAD
(MAY NOT BE REQUIRED)
BULK OUTPUT CAPACITANCE
OF DC/DC CONVERTER
OUTPUT OF DC/DC
(OUTPUT INDUCTOR)
FROM
P CORE
HIP6201
U3
Example Layout
• HIP6200 located near bulk output capacitance (not shown is the microprocessor load itself - for best performance, the
HIP6200 and bulk output capacitance should be located close to the
P)
•C37 (+5V bulk cap) located near the HIP6200
• Solid ground and VOUT planes with numerous via interconnects
TOP - SILK SCREEN
TOP - COMPONENT SIDE
SOLDER SIDE
INTERNAL ONE
NOTE: Internal layers are shown as negatives
(white is copper):
via connection to copper plane
no connection
GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com