Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843SDN Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS843SDN
Description  FEMTOCLOCK™ CRYSTAL-TO3.3V LVPECL CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843SDN Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS843SDN Datasheet HTML 1Page - Renesas Technology Corp ICS843SDN Datasheet HTML 2Page - Renesas Technology Corp ICS843SDN Datasheet HTML 3Page - Renesas Technology Corp ICS843SDN Datasheet HTML 4Page - Renesas Technology Corp ICS843SDN Datasheet HTML 5Page - Renesas Technology Corp ICS843SDN Datasheet HTML 6Page - Renesas Technology Corp ICS843SDN Datasheet HTML 7Page - Renesas Technology Corp ICS843SDN Datasheet HTML 8Page - Renesas Technology Corp ICS843SDN Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ICS843SDN
FEMTOCLOCK™CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
IDT™ / ICS™ 3.3V LVPECL CLOCK GENERATOR
5
ICS843SDNAG REV. A
NOVEMBER 13, 2012
Parameter Measurement Information
3.3V LVPECL Output Load AC Test Circuit
Output Duty Cycle/Pulse Width/Period
RMS Phase Jitter
Output Rise/Fall Time
SCOPE
Qx
nQx
V
EE
VCC
2V
1.3V ± 0.165V
-
VCCA
2V
➤
➤
nQ
Q
-
Phase Noise Mask
Offset Frequency
f
1
f
2
Phase Noise Plot
RMS Jitter = Area Under the Masked Phase Noise Plot
20%
80%
80%
20%
tR
t F
VSWING
nQ
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com