Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843SDN Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS843SDN
Description  FEMTOCLOCK™ CRYSTAL-TO3.3V LVPECL CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843SDN Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS843SDN Datasheet HTML 1Page - Renesas Technology Corp ICS843SDN Datasheet HTML 2Page - Renesas Technology Corp ICS843SDN Datasheet HTML 3Page - Renesas Technology Corp ICS843SDN Datasheet HTML 4Page - Renesas Technology Corp ICS843SDN Datasheet HTML 5Page - Renesas Technology Corp ICS843SDN Datasheet HTML 6Page - Renesas Technology Corp ICS843SDN Datasheet HTML 7Page - Renesas Technology Corp ICS843SDN Datasheet HTML 8Page - Renesas Technology Corp ICS843SDN Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ICS843SDN
FEMTOCLOCK™CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
IDT™ / ICS™ 3.3V LVPECL CLOCK GENERATOR
2
ICS843SDNAG REV. A
NOVEMBER 13, 2012
Table 2. Pin Descriptions
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 3A. Power Supply DC Characteristics, VCC = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
Table 3B. LVPECL DC Characteristics, VCC = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
NOTE 1: Outputs termination with 50
 to V
CC – 2V.
Number
Name
Type
Description
1VCCA
Power
Analog supply pin.
2VEE
Power
Negative supply pin.
3, 4
XTAL_OUT
XTAL_IN
Input
Crystal oscillator interface. XTAL_IN is the input, XTAL_OUT is the output.
5
nc
Unused
No connect.
6, 7
nQ, Q
Output
Differential output pair. LVPECL interface levels.
8VCC
Power
Core supply pin.
Item
Rating
Supply Voltage, VCC
4.6V
Inputs, VI
-0.5V to VCC+ 0.5V
Outputs, IO
Continuos Current
Surge Current
50mA
100mA
Package Thermal Impedance,
JA
129.5
C/W (0 mps)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Core Supply Voltage
3.135
3.3
3.465
V
VCCA
Analog Supply Voltage
VCC – 0.10
3.3
VCC
V
IEE
Power Supply Current
83
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Current; NOTE 1
VCC – 1.4
VCC – 0.9
V
VOL
Output Low Current; NOTE 1
VCC – 2.0
VCC – 1.7
V
VSWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com