Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS843SDN Datasheet (PDF) - Renesas Technology Corp

ICS843SDN Datasheet PDF - Renesas Technology Corp
Part # ICS843SDN
Download  ICS843SDN Download
File Size   640.7 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FEMTOCLOCK™ CRYSTAL-TO3.3V LVPECL CLOCK GENERATOR

ICS843SDN Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS843SDN Datasheet PDF - Renesas Technology Corp

Part # ICS843SDN
Download  ICS843SDN Click to download

File Size   640.7 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FEMTOCLOCK™ CRYSTAL-TO3.3V LVPECL CLOCK GENERATOR

ICS843SDN Datasheet (HTML) - Renesas Technology Corp


ICS843SDN Product details

General Description
The ICS843SDN is a Gigabit Ethernet Clock Generator. The
ICS843SDN uses a 24MHz crystal to synthesize 120MHz. The
ICS843SDN uses IDT’s 3rd generation low phase noise VCO
technology, and can achieve <1ps rms phase jitter performance
over the 12kHz – 20MHz integration range. The ICS843SDN is
packaged in a small 8-pin TSSOP, making it ideal for use in
systems with limited board space.
Features
• One differential 3.3V LVPECL output
• Crystal oscillator interface designed for 23.2MHz – 30MHz,
18pF parallel resonant crystal
• Output frequency range: 116MHz – 150MHz
• VCO range: 580MHz – 750MHz
• Output duty cycle range: 47% – 53%
• RMS phase jitter @ 120MHz, using a 24MHz crystal
(12kHz – 20MHz): 0.81ps (typical)
• Full 3.3V supply mode
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS843SDN

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843SDN IDT-ICS843SDN Datasheet
830Kb / 14P
FEMTOCLOCK??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
More results


Similar Description - ICS843SDN

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843SDN IDT-ICS843SDN Datasheet
830Kb / 14P
FEMTOCLOCK??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
843021 IDT-843021 Datasheet
282Kb / 15P
FemtoClock Crystal-to-3.3V LVPECL Clock Generator
ICS843021I IDT-ICS843021I Datasheet
894Kb / 14P
FemtoClock Crystal-to-3.3V LVPECL Clock Generator
ICS843011C IDT-ICS843011C Datasheet
247Kb / 14P
FemtoClock Crystal-to-3.3V LVPECL Clock Generator
logo
Renesas Technology Corp
843004I-04 RENESAS-843004I-04 Datasheet
497Kb / 17P
FemtoClock® Crystal/LVCMOS-to3.3V LVPECL Frequency Synthesizer
5/27/15
843021 RENESAS-843021 Datasheet
458Kb / 16P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
9/25/15
843022 RENESAS-843022 Datasheet
402Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/16/15
843251-04 RENESAS-843251-04 Datasheet
595Kb / 17P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/26/15
ICS843011C RENESAS-ICS843011C Datasheet
354Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MARCH 12, 2014
ICS843001CI RENESAS-ICS843001CI Datasheet
506Kb / 17P
FEMTOCLOCK™ CRYSTAL-TO- 3.3V, 2.5V LVPECL CLOCK GENERATOR
MARCH 6, 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com