Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # HCS12
Description  HCS12 Microcontrollers
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS12 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button HCS12 Datasheet HTML 17Page - NXP Semiconductors HCS12 Datasheet HTML 18Page - NXP Semiconductors HCS12 Datasheet HTML 19Page - NXP Semiconductors HCS12 Datasheet HTML 20Page - NXP Semiconductors HCS12 Datasheet HTML 21Page - NXP Semiconductors HCS12 Datasheet HTML 22Page - NXP Semiconductors HCS12 Datasheet HTML 23Page - NXP Semiconductors HCS12 Datasheet HTML 24Page - NXP Semiconductors HCS12 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 126 page
background image
Device User Guide — 9S12KT256DGV1/D V01.09
21
Freescale Semiconductor
1.6 Device Memory Map
Table 1-1 shows the device register map of the MC9S12KT256 and MC9S12KG256 after reset. Table
1-2 shows the device register map of the MC9S12KG128(64)(32), MC9S12KL128(64) and
MC9S12KC128(64) after reset.
Table 1-1 MC9S12KT(G)256 Device Memory Map
Address
Module
Size
$000 - $017
CORE (Ports A, B, E, Modes, Inits, Test)
24
$018
Reserved
1
$019
Voltage Regulator (VREG)
1
$01A - $01B
Device ID register (PARTID)
2
$01C - $01F
CORE (MEMSIZ, IRQ, HPRIO)
4
$020 - $02F
CORE (DBG)
16
$030 - $033
CORE (PPAGE, Port K)
4
$034 - $03F
Clock and Reset Generator (PLL, RTI, COP)
12
$040 - $06F
Standard Timer 16-bit 8 channels (TIM)
48
$070 - $07F
Reserved
16
$080 - $09F
Analog to Digital Converter 10-bit 8 channels (ATD0)
32
$0A0 - $0C7
Reserved
40
$0C8 - $0CF
Serial Communications Interface 0 (SCI0)
8
$0D0 - $0D7
Serial Communications Interface 1 (SCI1)
8
$0D8 - $0DF
Serial Peripheral Interface 0 (SPI0)
8
$0E0 - $0E7
Inter Integrated Circuit Bus (IIC)
8
$0E8 - $0EF
Reserved
8
$0F0 - $0F7
Serial Peripheral Interface 1 (SPI1)
8
$0F8 - $0FF
Serial Peripheral Interface 2 (SPI2)
8
$100- $10F
Flash Control Register
16
$110- $11B
EEPROM Control Register
12
$11C - $11F
Reserved
4
$120 - $13F
Analog to Digital Converter 10-bit 8 channels (ATD1)
32
$140 - $17F
Motorola Scalable Controller Area Network 0 (CAN0)
64
$180 - $1BF
Motorola Scalable Controller Area Network 1 (CAN1)
64
$1C0 - $23F
Reserved
128
$240 - $27F
Port Integration Module (PIM)
64
$280 - $2BF
Motorola Scalable Controller Area Network 4 (CAN4)
64
$2C0 - $2E7
Pulse Width Modulator 8-bit 8 channels (PWM)
40
$2E8 - $3FF
Reserved
280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com