Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS12 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # HCS12
Description  HCS12 Microcontrollers
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS12 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button HCS12 Datasheet HTML 9Page - NXP Semiconductors HCS12 Datasheet HTML 10Page - NXP Semiconductors HCS12 Datasheet HTML 11Page - NXP Semiconductors HCS12 Datasheet HTML 12Page - NXP Semiconductors HCS12 Datasheet HTML 13Page - NXP Semiconductors HCS12 Datasheet HTML 14Page - NXP Semiconductors HCS12 Datasheet HTML 15Page - NXP Semiconductors HCS12 Datasheet HTML 16Page - NXP Semiconductors HCS12 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 126 page
background image
Device User Guide — 9S12KT256DGV1/D V01.09
13
Freescale Semiconductor
Preface
The Device User Guide provides information about the MC9S12K-Family devices made up of standard
HCS12 blocks and the HCS12 processor core. This document is part of the customer documentation. A
complete set of device manuals also includes all the individual Block Guides of the implemented modules.
In a effort to reduce redundancy all module specific information is located only in the respective Block
Guide. If applicable, special implementation details of the module are given in the block description
sections of this document.
Table 0-1 shows a feature overview of the MC9S12K-Family members.
Table 0-1 List of MC9S12K-Family members
Flash RAM EEPROM
Device
Temp Options1
NOTES:
1. C: TA = 85˚C, f = 25MHz. V: TA=105˚C, f = 25MHz. M: TA= 125˚C, f = 25MHz
Package
CAN
SCI SPI IIC A/D2
2. Number of channels
PWM2 TIM2 I/O3
3. I/O is the sum of ports capable to act as digital input or output.
256K
12K
4K
MC9S12KT256
C, V, M
112 LQFP
3
2
3
1
16
8
8
91
256K
12K
4K
MC9S12KG256
C, V, M
112 LQFP
2
2
3
1
16
8
8
91
80 QFP
2
2
3
1
8
7
8
59
128K
8K
2K
MC9S12KG128
C, V, M
112 LQFP
2
2
3
1
16
8
8
91
100 LQFP
2
2
2
1
13
7
8
79
80 QFP
2
2
2
1
8
7
8
59
64K
4K
1K
MC9S12KG64
C, V, M
112 LQFP
2
2
2
1
16
8
8
91
80 QFP
2
2
2
1
8
7
8
59
32K
2K
1K
MC9S12KG32
C, V, M
80 QFP
2
2
2
1
8
7
8
59
128K
6K
2K
MC9S12KL128
C, V, M
112 LQFP
1
1
2
1
16
8
8
91
100 LQFP
1
1
2
1
13
7
8
79
80 QFP
1
1
2
1
8
7
8
59
64K
4K
1K
MC9S12KL64
C, V, M
112 LQFP
1
1
2
1
16
8
8
91
80 QFP
1
1
2
1
8
7
8
59
128K
6K
None
MC9S12KC128
C, V, M
112 LQFP
1
1
2
1
16
8
8
91
100 LQFP
1
1
2
1
13
7
8
79
80 QFP
1
1
2
1
8
7
8
59
64K
4K
None
MC9S12KC64
C, V, M
112 LQFP
1
1
2
1
16
8
8
91
80 QFP
1
1
2
1
8
7
8
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com