Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3583 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3583
Description  SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3583 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3583 Datasheet HTML 1Page - Diodes Incorporated AP3583 Datasheet HTML 2Page - Diodes Incorporated AP3583 Datasheet HTML 3Page - Diodes Incorporated AP3583 Datasheet HTML 4Page - Diodes Incorporated AP3583 Datasheet HTML 5Page - Diodes Incorporated AP3583 Datasheet HTML 6Page - Diodes Incorporated AP3583 Datasheet HTML 7Page - Diodes Incorporated AP3583 Datasheet HTML 8Page - Diodes Incorporated AP3583 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AP3583/A
Document number: DS41575 Rev. 3- 2
4 of 12
www.diodes.com
November 2018
© Diodes Incorporated
AP3583/A
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.3 to 15
V
VBOOT
BOOT Voltage
-0.3 to VPHASE +15
V
VUGATE
Voltage from UGATE to PHASE
-0.3 to 15
V
VPHASE,
VLGATE
Voltage from PHASE, LGATE Pin to GND
-1 to 15
V
_
Voltage on Other Separate Pin
-0.3 to 6
V
θJA
Thermal Resistance
50
ºC/W
TJ
Operating Junction Temperature
-40 to +125
ºC
TSTG
Storage Temperature
-65 to +150
ºC
TLEAD
Lead Temperature (Soldering, 10 sec)
+260
ºC
_
ESD (Human Body Model) (Note 5)
2000
V
_
ESD (Machine Model) (Note 5)
200
V
Notes 4:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
5:
Devices are ESD sensitive. Handling precaution recommended.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Input Voltage
4.5
13.2
V
TJ
Operating Junction Temperature
-40
+125
C
TA
Operating Ambient Temperature
-40
+85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com