Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3583 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3583
Description  SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3583 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3583 Datasheet HTML 1Page - Diodes Incorporated AP3583 Datasheet HTML 2Page - Diodes Incorporated AP3583 Datasheet HTML 3Page - Diodes Incorporated AP3583 Datasheet HTML 4Page - Diodes Incorporated AP3583 Datasheet HTML 5Page - Diodes Incorporated AP3583 Datasheet HTML 6Page - Diodes Incorporated AP3583 Datasheet HTML 7Page - Diodes Incorporated AP3583 Datasheet HTML 8Page - Diodes Incorporated AP3583 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP3583/A
Document number: DS41575 Rev. 3- 2
2 of 12
www.diodes.com
November 2018
© Diodes Incorporated
AP3583/A
Typical Applications Circuit
VCC
BOOT
UGATE
LGATE
PHASE
OPS
REFIN
FB
Enable
Disable
R1
10k
R2
10k
GND
VIN=12V
VOUT=1.2V
Q1
Q2
Q3
L1
1.0
μH
C5
1000
μF/6.3V
C6
1000
μF/6.3V
R3
C3 1
mF
C4
0.1
mF
C1
10
μF/25V
C2
220
μF/25V
Reference
Input
R4 2
W
1
2
3
4
5
6
7
8
9
Pin Descriptions
Pin Number
Pin Name
Function
1
BOOT
Bootstrap pin. Connect a bootstrap capacitor (Typically from 0.1 to 0.47
μF) from this pin to
PHASE pin to create a BOOT voltage suitable to drive a standard N-Channel MOSFET.
2
UGATE
Upper-gate drive pin. Connect this pin to the upper MOSFET gate providing the gate drive.
This pin is monitored by the adaptive shoot-through protection circuitry to determine when the
upper MOSFET has been turned off.
3
OPS
Over-current setting pin. Connecting a resistor (ROCSET) between OPS and GND to set the
over-current trigger point.
4
LGATE
Lower-gate drive pin. Connect LGATE to the lower MOSFET gate providing the gate drive for
the lower MOSFET. This pin is monitored by the adaptive shoot-through protection circuitry to
determine when the lower MOSFET has been turned off.
5
VCC
Bias supply pin. Provides a 5V or 12V bias supply for the chip from this pin. The pin should
be bypassed with a capacitor to GND.
6
FB
Feedback pin. This pin is the inverting input of the internal error amplifier. A resistor divider
from output to GND is used to set the output voltage.
7
REFIN
External reference input pin. This pin receives a voltage with range from 0.4V to 3.0V as the
reference voltage at the non-inverting input of the error amplifier. Pull this pin lower than 0.3V
to disable the controller, and the VUGATE and VLGATE will go low. Let this pin open for internal
0.6V reference use.
8
PHASE
PHASE pin. This pin connects to the source of the upper MOSFET and the drain of the lower
MOSFET. This pin is also monitored by the adaptive shoot-through protection circuitry to
determine when the upper MOSFET is turned off.
9
GND
Exposed pad as ground pin. Represents the signal and power ground for the IC. Tie this pin
to ground island/plane through the lowest impedance connection available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com