Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3583 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3583
Description  SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3583 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3583 Datasheet HTML 1Page - Diodes Incorporated AP3583 Datasheet HTML 2Page - Diodes Incorporated AP3583 Datasheet HTML 3Page - Diodes Incorporated AP3583 Datasheet HTML 4Page - Diodes Incorporated AP3583 Datasheet HTML 5Page - Diodes Incorporated AP3583 Datasheet HTML 6Page - Diodes Incorporated AP3583 Datasheet HTML 7Page - Diodes Incorporated AP3583 Datasheet HTML 8Page - Diodes Incorporated AP3583 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AP3583/A
Document number: DS41575 Rev. 3- 2
3 of 12
www.diodes.com
November 2018
© Diodes Incorporated
AP3583/A
Functional Block Diagram
OTP
SOFT-START
POWER-ON RESET
(POR)
INTERNAL
REGULATOR
4V INT
0.6V
OSCILLATOR
PWM
GATE
CONTROL
LOGIC
ERROR
AMPLIFIER
PWM
COMPARATOR
VCC
0.3V
ENABLE
137.5%VREF
OVP
REFIN
GND
OPS
LGATE
PHASE
UGATE
BOOT
VCC
9
3
4
8
2
1
5
REFERENCE
SELECTION
OCP
COMPARATOR
40
mA
FB
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com