Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC941 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # MPC941
Description  Low Voltage, 1:27 Clock Distribution Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC941 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button MPC941 Datasheet HTML 6Page - Renesas Technology Corp MPC941 Datasheet HTML 7Page - Renesas Technology Corp MPC941 Datasheet HTML 8Page - Renesas Technology Corp MPC941 Datasheet HTML 9Page - Renesas Technology Corp MPC941 Datasheet HTML 10Page - Renesas Technology Corp MPC941 Datasheet HTML 11Page - Renesas Technology Corp MPC941 Datasheet HTML 12Page - Renesas Technology Corp MPC941 Datasheet HTML 13Page - Renesas Technology Corp MPC941 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
REVISION 10 3/18/15
11
LOW VOLTAGE, 1:27 CLOCK DISTRIBUTION CHIP
MPC941 DATA SHEET
PACKAGE DIMENSIONS
NOTES:
1.
2.
3.
4.
5.
6.
7.
8.
9.
DIMENSIONING AND TOLERANCING PER ASME
Y14.5m, 1994.
CONTROLLING DIMENSION: MILLIMETER.
DATUM PLAN AB IS LOCATED AT BOTTOM OF
LEAD AND IS COINCIDENT WITH THE LEAD
WHERE THE LEAD EXITS THE PLASTIC BODY AT
THE BOTTOM OF THE PARTING LINE.
DATUMS T, U, AND Z TO BE DETERMINED AT
DATAUM PLANE AB.
DIMENSIONS S AND V TO BE DETERMINED AT
SEATING PLANE AC.
DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS
0.250 PER SIDE. DIMENSIONS A AND B DO
INCLUDE MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLANE AB.
DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. DAMBAR PROTRUSION SHALL
NOT CAUSE THE D DIMENSION TO EXCEED
0.350.
MINIMUM SOLDER PLATE THICKNESS SHALL BE
0.0076.
EXACT SHAPE OF EACH CORNER IS OPTIONAL.
A
A1
Z
0.200 AB T-U
4X
Z
0.200 AC T-U
4X
B
B1
1
12
13
24
25
36
37
48
S1
S
V
V1
DETAIL Y
9
T
U
Z
P
AE
AE
T, U, Z
DETAIL Y
M˚
TOP & BOTTOM
L˚
W
K
AA
E
C
H
R
DETAIL AD
AD
G
0.080 AC
AB
AC
BASE METAL
N
J
F
D
T-U
M
0.080
Z
AC
SECTION AE-AE
MIN
1.400
0.170
1.350
0.170
0.050
0.090
0.500
0.090
0˚
0.150
MAX
1.600
0.270
1.450
0.230
0.150
0.200
0.700
0.160
7˚
0.250
DIM
A
A1
B
B1
C
D
E
F
G
H
J
K
M
N
P
L
R
S
S1
V
V1
W
AA
MILLIMETERS
7.000 BSC
3.500 BSC
7.000 BSC
3.500 BSC
0.500 BSC
12˚ REF
0.250 BSC
9.000 BSC
4.500 BSC
9.000 BSC
4.500 BSC
0.200 REF
1.000 REF
CASE 932-03
ISSUE F
48-LEAD LQFP PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com