Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC941 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MPC941
Description  Low Voltage, 1:27 Clock Distribution Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC941 Datasheet(HTML) 2 Page - Renesas Technology Corp

  MPC941 Datasheet HTML 1Page - Renesas Technology Corp MPC941 Datasheet HTML 2Page - Renesas Technology Corp MPC941 Datasheet HTML 3Page - Renesas Technology Corp MPC941 Datasheet HTML 4Page - Renesas Technology Corp MPC941 Datasheet HTML 5Page - Renesas Technology Corp MPC941 Datasheet HTML 6Page - Renesas Technology Corp MPC941 Datasheet HTML 7Page - Renesas Technology Corp MPC941 Datasheet HTML 8Page - Renesas Technology Corp MPC941 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
REVISION 10 3/18/15
2
LOW VOLTAGE, 1:27 CLOCK DISTRIBUTION CHIP
MPC941 DATA SHEET
LOGIC DIAGRAM
Table 1. Pin Configuration
Pin
I/O
Type
Function
PECL_CLK,
PECL_CLK
Input
LVPECL
LVPECL differential reference clock inputs
LVCMOS_CLK
Input
LVCMOS
Alternative reference clock input
LVCMOS_CLK_SEL
Input
LVCMOS
Input reference clock select
OE
Input
LVCMOS
Output tristate control
GND
Supply
Negative voltage supply output bank (GND)
VCC
Supply
Positive voltage supply
Q0–Q26
Output
LVCMOS
Clock outputs
Pulldown
0
1
25
Q0
Q1–Q25
Q26
PECL_CLK
PECL_CLK
LVCMOS_CLK
LVCMOS_CLK_SEL
PULLDOWN
OE
Pulldown
Pulldown
Pinout: 48-Lead TQFP (Top View)
FUNCTION TABLE
LVCMOS_CLK_SEL
Input
0
1
PECL_CLK
LVCMOS_CLK
VCC
Q7
Q6
Q5
GND
Q4
Q3
VCC
Q2
Q1
Q0
GND
GND
Q16
Q17
Q18
VCC
Q19
Q20
GND
Q21
Q22
Q23
VCC
37
38
39
40
41
42
43
44
45
46
47
48
23
22
21
20
19
18
17
16
15
14
13
1
2345
678
9
10
11 12
36 35 34 33
32 31 30 29
28 27 26 25
24
MPC941



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com