Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC941 Datasheet (PDF) - Renesas Technology Corp

MPC941 Datasheet PDF - Renesas Technology Corp
Part # MPC941
Download  MPC941 Download
File Size   351.81 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage, 1:27 Clock Distribution Chip

MPC941 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC941 Datasheet PDF - Renesas Technology Corp

Part # MPC941
Download  MPC941 Click to download

File Size   351.81 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage, 1:27 Clock Distribution Chip

MPC941 Datasheet (HTML) - Renesas Technology Corp


MPC941 Product details

The MPC941 is a 1:27 low voltage clock distribution chip. The device features
the capability to select either a differential LVPECL or an LVCMOS compatible
input. The 27 outputs are LVCMOS compatible and feature the drive strength to
drive 50  series or parallel terminated transmission lines. With output-to-output
skews of 250 ps, the MPC941 is ideal as a clock distribution chip for the most
demanding of synchronous systems. For a similar product with a smaller number
of outputs, please consult the MPC940 data sheet.
• LVPECL or LVCMOS Clock Input
• 250 ps Maximum Output-to-Output Skew
• Drives Up to 54 Independent Clock Lines
• Maximum Output Frequency of 250 MHz
• High Impedance Output Enable
• Extended Temperature Range: –40C to +85C
• 48-Lead LQFP Packaging, Pb-free
• 3.3 V or 2.5 V VCC Supply Voltage




Similar Part No. - MPC941

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC941 MOTOROLA-MPC941 Datasheet
117Kb / 5P
LOW VOLTAGE 1:27 CLOCK DISTRIBUTION CHIP
logo
Integrated Device Techn...
MPC941 IDT-MPC941 Datasheet
217Kb / 13P
Low Voltage, 1:27 Clock Distribution Chip
More results


Similar Description - MPC941

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC941 MOTOROLA-MPC941 Datasheet
117Kb / 5P
LOW VOLTAGE 1:27 CLOCK DISTRIBUTION CHIP
MPC948L MOTOROLA-MPC948L Datasheet
106Kb / 6P
LOW VOLTAGE 1:12 CLOCK DISTRIBUTION CHIP
logo
Alliance Semiconductor ...
ASM2I9940L ALSC-ASM2I9940L Datasheet
223Kb / 13P
Low Voltage 1:18 Clock Distribution Chip
ASM2I9942P ALSC-ASM2I9942P Datasheet
433Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
Integrated Device Techn...
MPC942P IDT-MPC942P Datasheet
373Kb / 6P
Low Voltage 1:18 Clock Distribution Chip
logo
PulseCore Semiconductor
PCS2I9942P PULSECORE-PCS2I9942P Datasheet
437Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
logo
Integrated Device Techn...
MPC941 IDT-MPC941 Datasheet
217Kb / 13P
Low Voltage, 1:27 Clock Distribution Chip
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com