Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC941 Datasheet (PDF) - Integrated Device Technology

MPC941 Datasheet PDF - Integrated Device Technology
Part # MPC941
Download  MPC941 Download
File Size   217.74 Kbytes
Page   13 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Low Voltage, 1:27 Clock Distribution Chip

MPC941 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC941 Datasheet PDF - Integrated Device Technology

Part # MPC941
Download  MPC941 Click to download

File Size   217.74 Kbytes
Page   13 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Low Voltage, 1:27 Clock Distribution Chip

MPC941 Datasheet (HTML) - Integrated Device Technology


MPC941 Product details

Low Voltage, 1:27 Clock Distribution Chip

The MPC941 is a 1:27 low voltage clock distribution chip. The device features the capability to select either a differential LVPECL or an LVCMOS compatible input. The 27 outputs are LVCMOS compatible and feature the drive strength to drive 50  series or parallel terminated transmission lines. With output-to-output skews of 250 ps, the MPC941 is ideal as a clock distribution chip for the most demanding of synchronous systems. For a similar product with a smaller number of outputs, please consult the MPC940 data sheet.

• LVPECL or LVCMOS Clock Input
• 250 ps Maximum Output-to-Output Skew
• Drives Up to 54 Independent Clock Lines
• Maximum Output Frequency of 250 MHz
• High Impedance Output Enable
• Extended Temperature Range: –40C to +85C
• 48-Lead LQFP Packaging, Pb-free
• 3.3 V or 2.5 V VCC Supply Voltage




Similar Part No. - MPC941

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC941 MOTOROLA-MPC941 Datasheet
117Kb / 5P
LOW VOLTAGE 1:27 CLOCK DISTRIBUTION CHIP
logo
Renesas Technology Corp
MPC941 RENESAS-MPC941 Datasheet
351Kb / 14P
Low Voltage, 1:27 Clock Distribution Chip
2019
More results


Similar Description - MPC941

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC941 MOTOROLA-MPC941 Datasheet
117Kb / 5P
LOW VOLTAGE 1:27 CLOCK DISTRIBUTION CHIP
MPC948L MOTOROLA-MPC948L Datasheet
106Kb / 6P
LOW VOLTAGE 1:12 CLOCK DISTRIBUTION CHIP
logo
Alliance Semiconductor ...
ASM2I9940L ALSC-ASM2I9940L Datasheet
223Kb / 13P
Low Voltage 1:18 Clock Distribution Chip
ASM2I9942P ALSC-ASM2I9942P Datasheet
433Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
Integrated Device Techn...
MPC942P IDT-MPC942P Datasheet
373Kb / 6P
Low Voltage 1:18 Clock Distribution Chip
logo
PulseCore Semiconductor
PCS2I9942P PULSECORE-PCS2I9942P Datasheet
437Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
MPC941 RENESAS-MPC941 Datasheet
351Kb / 14P
Low Voltage, 1:27 Clock Distribution Chip
2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com