Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC941 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # MPC941
Description  Low Voltage, 1:27 Clock Distribution Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC941 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button MPC941 Datasheet HTML 2Page - Integrated Device Technology MPC941 Datasheet HTML 3Page - Integrated Device Technology MPC941 Datasheet HTML 4Page - Integrated Device Technology MPC941 Datasheet HTML 5Page - Integrated Device Technology MPC941 Datasheet HTML 6Page - Integrated Device Technology MPC941 Datasheet HTML 7Page - Integrated Device Technology MPC941 Datasheet HTML 8Page - Integrated Device Technology MPC941 Datasheet HTML 9Page - Integrated Device Technology MPC941 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
REVISION 10 3/18/15
6
LOW VOLTAGE, 1:27 CLOCK DISTRIBUTION CHIP
MPC941 DATA SHEET
APPLICATIONS INFORMATION
Driving Transmission Lines
The MPC941 clock driver was designed to drive high-
speed signals in a terminated transmission line environment.
To provide the optimum flexibility to the user, the output
drivers were designed to exhibit the lowest impedance
possible. With an output impedance of less than 20
 the
drivers can drive either parallel or series terminated
transmission lines. For more information on transmission
lines, the reader is referred to Freescale application note
AN1091 in the Timing Solutions data book (DL207/D).
In most high performance clock networks, point-to-point
distribution of signals is the method of choice. In a point-to-
point scheme, either series terminated or parallel terminated
transmission lines can be used. The parallel technique
terminates the signal at the end of the line with a 50
resistance to VCC/2. This technique draws a fairly high level
of DC current, and thus, only a single terminated line can be
driven by each output of the MPC941 clock driver. For the
series terminated case, however, there is no DC current
draw; thus, the outputs can drive multiple series terminated
lines. Figure 1 illustrates an output driving a single series
terminated line vs two series terminated lines in parallel.
When taken to its extreme, the fanout of the MPC941 clock
driver is effectively doubled due to its capability to drive
multiple lines.
Figure 1. Single versus Dual Transmission Lines
The waveform plots of Figure 2 show the simulation
results of an output driving a single line vs two lines. In both
cases, the drive capability of the MPC941 output buffer is
more than sufficient to drive 50
 transmission lines on the
incident edge. Note from the delay measurements in the
simulations, a delta of only 43 ps exists between the two
differently loaded outputs. This suggests that the dual line
driving need not be used exclusively to maintain the tight
output-to-output skew of the MPC941. The output waveform
in Figure 2 shows a step in the waveform. This step is caused
by the impedance mismatch seen looking into the driver. The
parallel combination of the 36
 series resistor plus the
output impedance does not match the parallel combination of
the line impedances. The voltage wave launched down the
two lines will equal:
VL =VS ( ZO / (RS + RO + ZO))
ZO = 50  || 50 
RS = 36  || 36 
RO = 14 
VL = 3.0 (25 / (18 + 14 + 25) = 3.0 (25 / 57)
= 1.31 V
At the load end, the voltage will double, due to the near
unity reflection coefficient, to 2.5 V. It will then increment
towards the quiescent 3.0 V in steps separated by one round
trip delay (in this case, 4.0 ns).
Figure 2. Single versus Dual Waveforms
Since this step is well above the threshold region, it will not
cause any false clock triggering; however, designers may be
uncomfortable with unwanted reflections on the line. To better
match the impedances when driving multiple lines, the
situation in Figure 3 should be used. In this case, the series
terminating resistors are reduced such that when the parallel
combination is added to the output buffer impedance, the line
impedance is perfectly matched.
Figure 3. Optimized Dual Line Termination
MPC941
Output
Buffer
IN
14
RS = 36
ZO = 50
OutA
OutB0
OutB1
ZO = 50
ZO = 50
RS = 36
RS = 36
MPC941
Output
Buffer
IN
14
3.0
2.5
2.0
1.5
1.0
0.5
0
24
68
10
12
14
TIME (ns)
OutB
tD = 3.9386
OutA
tD = 3.8956
IN
14
 + 22 || 22 = 50 ||50
25
 = 25
MPC941
Output
Buffer
14
RS = 22
RS = 22
ZO = 50
ZO = 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com