Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC941 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # MPC941
Description  Low Voltage, 1:27 Clock Distribution Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC941 Datasheet(HTML) 4 Page - Integrated Device Technology

  MPC941 Datasheet HTML 1Page - Integrated Device Technology MPC941 Datasheet HTML 2Page - Integrated Device Technology MPC941 Datasheet HTML 3Page - Integrated Device Technology MPC941 Datasheet HTML 4Page - Integrated Device Technology MPC941 Datasheet HTML 5Page - Integrated Device Technology MPC941 Datasheet HTML 6Page - Integrated Device Technology MPC941 Datasheet HTML 7Page - Integrated Device Technology MPC941 Datasheet HTML 8Page - Integrated Device Technology MPC941 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
REVISION 10 3/18/15
4
LOW VOLTAGE, 1:27 CLOCK DISTRIBUTION CHIP
MPC941 DATA SHEET
Table 4. AC Characteristics (VCC = 3.3 V ± 5%, TA = –40 to +85C)
(1)
1. AC characteristics apply for parallel output termination of 50
 to V
TT.
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fMAX
Maximum Output Frequency
0
250(2)
2. AC characteristics are guaranteed up to fmax. Please refer to applications section for information on power consumption versus operating
frequency and thermal management.
MHz
tr, tf
LVCMOS_CLK Input Rise/Fall Time
1.0(3)
3. Fast input signal transition times are required to maintain part-to-part skew specification. If part-to-part skew is not critical to the application,
signal transition times smaller than 3 ns can be applied to the MPC941.
ns
0.8 to 2.0 V
tPLH
tPHL
Propagation Delay
PECL_CLK to any Q
LVCMOS_CLK to any Q
1.2
0.9
1.8
1.5
2.6
2.3
ns
ns
tPLZ, HZ
Output Disable Time
ns
tPZL, LZ
Output Enable Time
ns
tsk(O)
Output-to-Output Skew
PECL_CLK to any Q
LVCMOS_CLK to any Q
125
125
250
250
ps
tsk(PP)
Device-to-Device Skew
PECL_CLK to any Q
LVCMOS_CLK to any Q
1000
1000
ps
ps
For a given TA and
VCC, any Q
tsk(PP)
Device-to-Device Skew
PECL_CLK to any Q
LVCMOS_CLK to any Q
1400
1400
ps
ps
For any TA, VCC
and Q
DCQ
Output Duty Cycle
PECL_CLK to any Q
LVCMOS_CLK to any Q
45
45
50
50
60
55
%
%
DCREF = 50%
DCREF = 50%
tr, tf
Output Rise/Fall Time
0.2
1.0
ns
0.55 to 2.4 V
Table 5. DC Characteristics (VCC = 2.5 V ± 5%, TA = –40 to +85C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage
LVCMOS_CLK
1.7
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
LVCMOS_CLK
–0.3
0.7
V
LVCMOS
IIN
Input Current
120(1)
1. Input pull-up / pull-down resistors influence input current.
A
VPP
Peak-to-Peak Input Voltage
PECL_CLK,
PECL_CLK
500
mV
LVPECL
VCMR
Common Mode Range
PECL_CLK,
PECL_CLK
1.1
VCC – 0.7
V
LVPECL
VOH
Output High Voltage
1.8
V
IOH = –15 mA
(2)
2. The MPC941 is capable of driving 50
 transmission lines on the incident edge. Each output drives one 50  parallel terminated transmission
line to a termination voltage of VTT. Alternatively, the device drives up to two 50  series terminated transmission lines.
VOL
Output Low Voltage
0.6
V
IOL = 15 mA
(2)
IOZ
Output Tristate Leakage Current
100
A
ZOUT
Output Impedance
18 – 20
CPD
Power Dissipation Capacitance
7 – 8
10
pF
Per Output
CIN
Input Capacitance
4.0
pF
ICCQ
Maximum Quiescent Supply Current
5
mA
All VCC Pins
VTT
Output Termination Voltage
VCC 2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com