Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC941 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # MPC941
Description  Low Voltage, 1:27 Clock Distribution Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC941 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button MPC941 Datasheet HTML 5Page - Integrated Device Technology MPC941 Datasheet HTML 6Page - Integrated Device Technology MPC941 Datasheet HTML 7Page - Integrated Device Technology MPC941 Datasheet HTML 8Page - Integrated Device Technology MPC941 Datasheet HTML 9Page - Integrated Device Technology MPC941 Datasheet HTML 10Page - Integrated Device Technology MPC941 Datasheet HTML 11Page - Integrated Device Technology MPC941 Datasheet HTML 12Page - Integrated Device Technology MPC941 Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
REVISION 10 3/18/15
9
LOW VOLTAGE, 1:27 CLOCK DISTRIBUTION CHIP
MPC941 DATA SHEET
Figure 8. Maximum MPC941 frequency,
VCC = 2.5 V, MTBF 9.1 years,
driving series terminated transmission lines
Figure 9. Maximum MPC941 frequency,
VCC = 2.5 V, MTBF 9.1 years,
4 pF load per line
Figure 10. Maximum MPC941 frequency,
VCC = 2.5 V, MTBF 4 years,
driving series terminated transmission lines
Figure 11. Maximum MPC941 frequency,
VCC = 2.5 V, MTBF 4 years,
4 pF load per line
300
250
200
150
100
50
0
500
400
300
200
100
0
IFPM, CONVECTION
Safe operation
TA = 75°C
TA = 85°C
fMAX (AC)
300
250
200
150
100
50
0
500
400
300
200
100
0
IFPM, CONVECTION
Safe operation
TA = 65°C
TA = 75°C
TA = 85°C
fMAX (AC)
300
250
200
150
100
50
0
500
400
300
200
100
0
IFPM, CONVECTION
Safe operation
TA = 85°C
fMAX (AC)
300
250
200
150
100
50
0
500
400
300
200
100
0
IFPM, CONVECTION
Safe operation
TA = 75°C
TA = 85°C
fMAX (AC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com