Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12SCIV3/D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # S12SCIV3/D
Description  The SoC Guide provides information about the MC9S12KG128 device made up of standard HCS12 blocks and the HCS12 processor core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S12SCIV3/D Datasheet(HTML) 2 Page - NXP Semiconductors

  S12SCIV3/D Datasheet HTML 1Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 2Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 3Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 4Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 5Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 6Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 7Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 8Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
DOCUMENT NUMBER
MC9S12KG128
Revision History
Version
Number
Revision
Date
Author
Description of Changes
01.00
16.JUL.02
Roberto Frontera
Original Version
01,01
22 NOV 02
Daniel Yu
Change load cap value on VDD and VDDPLL.
Correct expanded bus timing from 20MHz to 25 MHz
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com