Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12SCIV3/D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # S12SCIV3/D
Description  The SoC Guide provides information about the MC9S12KG128 device made up of standard HCS12 blocks and the HCS12 processor core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S12SCIV3/D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button S12SCIV3/D Datasheet HTML 9Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 10Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 11Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 12Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 13Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 14Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 15Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 16Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
MC9S12KG128 SoC Guide — V01.01
Preface
The SoC Guide provides information about the MC9S12KG128 device made up of standard HCS12
blocks and the HCS12 processor core. This document is part of the customer documentation. A complete
set of device manuals also includes the HCS12 Core Guide and all the individual Block Guides of the
implemented modules. In a effort to reduce redundancy all module specific information is located only in
the respective Block Guide. If applicable, special implementation details of the module are given in the
block description sections of this document.
Document References
User Guide
Version Document Order Number
HCS12 V1.5 Core Guide
1.2
HCS12COREUG
Analog to Digital Converter 10 Bit 16 Channel (ATD_10B16C) Block Guide
V03
S12ATD10B16CV3/D
Clock and Reset Generator (CRG) Block Guide
V04
S12CRGV4/D
2K Byte EEPROM (EETS2K) Block Guide
V01
S12EETS2KV1/D
128K Byte Flash with Error Code Correction (FTS128K1ECC) Block Guide
V01
S12FTS128K1ECCV1/D
Inter IC Bus (IIC) Block Guide
V02
S12IICV2/D
Freescale Scalable CAN (FSCAN) Block Guide
V02
S12MSCANV2/D
Oscillator Loop Control Pierce (OSC_LCP) Block Guide
V01
S12OSCLCPV1/D
Port Integration Module (PIM_9KG128) Block Guide
V01
S12PIM9KG128V1/D
Pulse Width Modulator 8 Bit 8 Channel (PWM_8B8C) Block Guide
V01
S12PWM8B8CV1/D
Serial Communication Interface (SCI) Block Guide
V03
S12SCIV3/D
Serial Peripheral Interface (SPI) Block Guide
V03
S12SPIV3/D
Timer 16 Bit 8 Channel (TIM_16B8C) Block Guide
V01
S12TIM16B8CV1/D
Voltage Regulator (VREG_3V3) Block Guide
V01
S12VREG3V3V1/D
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com