Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S12SCIV3/D Datasheet(PDF) 52 Page - NXP Semiconductors

Part # S12SCIV3/D
Description  The SoC Guide provides information about the MC9S12KG128 device made up of standard HCS12 blocks and the HCS12 processor core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S12SCIV3/D Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button S12SCIV3/D Datasheet HTML 48Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 49Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 50Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 51Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 52Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 53Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 54Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 55Page - NXP Semiconductors S12SCIV3/D Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 98 page
background image
MC9S12KG128 SoC Guide — V01.01
Section 14 Port Integration Module (PIM) Block Description
Consult the PIM_9KG128 Block Guide for information about the Port Integration Module.
Section 15 Pulse Width Modulator (PWM) Block Description
Consult the PWM_8B8C Block Guide for information about the Pulse Width Modulator Module. When
the PWM_8B8C Block Guide refers to freeze mode this is equivalent to active BDM mode.
Section 16 Serial Communications Interface (SCI) Block
Description
There are two Serial Communications Interface modules (SCI1 and SCI0). Consult the SCI Block Guide
for information about the Serial Communications Interface module.
Section 17 Serial Peripheral Interface (SPI) Block
Description
There are three Serial Peripheral Interfaces (SPI2, SPI1 and SPI0) implemented on MC9S12KG128.
Consult the SPI Block User Guide for information about each Serial Peripheral Interface module.
Section 18 Timer (TIM) Block Description
Consult the TIM_16B8C Block Guide for information about the Timer module. When the TIM_16B8C
Block Guide refers to freeze mode this is equivalent to active BDM mode.
Section 19 Voltage Regulator (VREG) Block Description
Consult the VREG_3V3 Block Guide for information about the dual output linear voltage regulator.
19.1 Device-specific information
19.1.1 VDD1, VDD2, VSS1, VSS2
In both the 112 pin LQFP and the 80 pin QFP package versions, both internal VDD and VSS of the 2.5V
domain are bonded out on 2 sides of the device as two pin pairs (VDD1, VSS1 & VDD2, VSS2). VDD1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com