Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8804 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP8804
Description  LOW VOLTAGE PULSED LED DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8804 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP8804 Datasheet HTML 1Page - Diodes Incorporated AP8804 Datasheet HTML 2Page - Diodes Incorporated AP8804 Datasheet HTML 3Page - Diodes Incorporated AP8804 Datasheet HTML 4Page - Diodes Incorporated AP8804 Datasheet HTML 5Page - Diodes Incorporated AP8804 Datasheet HTML 6Page - Diodes Incorporated AP8804 Datasheet HTML 7Page - Diodes Incorporated AP8804 Datasheet HTML 8Page - Diodes Incorporated AP8804 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP8804
AP8804
Document number: DS32050 Rev. 2 - 5
4 of 9
www.diodes.com
February 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics
0
50
100
150
200
250
300
350
400
0
1
234
5
6
V
(V)
I
vs. V
CC
OUT
C C
R_B= 20k
R_B= 9. 7k
R_B= 6. 8k
R_B= 4. 1k
R_B= 3.0k
V
= V
- 1.8V, T = 25 C,
8
Puls e Tes t 10% D uty Cyc le
OUT
CC
A
S
°
μ
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
R
(k Ohms)
BIAS
I
vs. R
OUT
BIAS
V
= 3V, V
= V
-V
CC
OUT
C C
LED
R_B = 4.1k
0
50
100
150
200
250
300
350
400
0
12
3
4
5
6
R_B = 3.0k
V
(V)
I
vs. V
CC
OUT
C C
R_B = 4.1k
R_B = 6.8k
R_B = 9.7k
R_B = 20k
V
= V
V, T 25 C
8 S Pulse Test @ 10% Duty Cyc le
OUT
CC
LED
A
°
μ
0
50
100
150
200
250
300
350
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
V
(V)
OUT
I
vs. V
OUT
C C
R_B = 20k
R_B = 9.7k
R_B = 6.8k
R_B = 4.1k
R_B = 3.0k
V
= V
+1. 8, T = 25 C,
8 s Pulsed Test, 10% Duty Cycle
CC
OUT
A
°
μ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com