Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8804 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP8804
Description  LOW VOLTAGE PULSED LED DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8804 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP8804 Datasheet HTML 1Page - Diodes Incorporated AP8804 Datasheet HTML 2Page - Diodes Incorporated AP8804 Datasheet HTML 3Page - Diodes Incorporated AP8804 Datasheet HTML 4Page - Diodes Incorporated AP8804 Datasheet HTML 5Page - Diodes Incorporated AP8804 Datasheet HTML 6Page - Diodes Incorporated AP8804 Datasheet HTML 7Page - Diodes Incorporated AP8804 Datasheet HTML 8Page - Diodes Incorporated AP8804 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AP8804
AP8804
Document number: DS32050 Rev. 2 - 5
3 of 9
www.diodes.com
February 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Figure 1: Application Circuit
Figure 2: Timing Waveforms
 
1000:1 current
gain block
Linear
Controller
= 1000 I
BIAS
= 1000/R
BIAS
6V
~
2V
6V
~
0.1V
1000:1 Current
Gain Block
Linear
Controller
BIAS
V
CC
OUT
GND
1.0V
I
OUT
R
BIAS
6V
~
1.8V
6V
~
0.1V
 
50%
90%
10%
50%
I
BIAS
I
OUT
t
PDLH
t
PDHL
50%
90%
10%
50%
t
F
t
r



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com