Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8804 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP8804
Description  LOW VOLTAGE PULSED LED DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8804 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP8804 Datasheet HTML 1Page - Diodes Incorporated AP8804 Datasheet HTML 2Page - Diodes Incorporated AP8804 Datasheet HTML 3Page - Diodes Incorporated AP8804 Datasheet HTML 4Page - Diodes Incorporated AP8804 Datasheet HTML 5Page - Diodes Incorporated AP8804 Datasheet HTML 6Page - Diodes Incorporated AP8804 Datasheet HTML 7Page - Diodes Incorporated AP8804 Datasheet HTML 8Page - Diodes Incorporated AP8804 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AP8804
AP8804
Document number: DS32050 Rev. 2 - 5
2 of 9
www.diodes.com
February 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
-0.3 to +8
(Relative to GND)
V
VOUT
Output Voltage
VBIAS
Bias Input Voltage
-0.3 to +0.3
(Relative to GND)
V
TJ
Junction Temperature
150
°C
TST
Storage Temperature
-65 to +150
°C
Note:
These are stress ratings only. Operation outside the absolute maximum ratings may cause device failure. Operation at the absolute maximum rating for
extended periods may reduce device reliability.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling and
transporting these devices.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
1.8
6
V
IBIAS
BIAS Input Current
-0.33
0
mA
IO
Output Current
50
350
mA
TA
Operating Ambient Temperature Range
0
70
°C
Package Thermal Data
Thermal Resistance
Package
Unit
Junction-to-Ambient,
θJA
TDFN2020-6
80
°C/W
Junction-to-Case,
θJC
TDFN2020-6
20
Electrical Characteristics (Under Operating Conditions)
VOUT = 0.2V, TA = 25°C (unless otherwise stated). All typical are at 25°C (FT = 0 to 70°C)
Parameter
Conditions
TA
Min
Typ.
Max
Unit
DC parameters
Bias voltage
VCC = 1.8V, RBIAS = 3.05kΩ
2
25
900
1040
1200
mV
FT
860
1240
Output current accuracy
3
VCC = 2.0V to 6V, VOUT = VCC – 1.8V, RBIAS = 4.1kΩ
25
225
250
275
mA
Saturated output current
tolerance
5
VCC = 2.0V, VOUT = 0.2V RBIAS = 3.05kΩ, IOUT =
350mA
25
15
%
FT
20
VCC = 2.0V, VOUT = 0.5V RBIAS = 3.05kΩ IOUT = 350mA
25
10
%
FT
15
VCC = 2.0V, VOUT = 0.15V RBIAS = 4.1kΩ, IOUT =
250mA
25
15
%
FT
20
Current Gain (IOUT/IBIAS)
3, 4
VCC = 2V, VOUT = 0.2V,
50µA < IBIAS < 350µA
25
1000
Quiescent current
VCC = 6V, RBIAS = Open Circuit
FT
100
150
µA
Supply current (Active)
VCC = 2V, RBIAS = 3.05kΩ, VOUT = 0.5V
FT
5.5
9
mA
Output Leakage (Off)
Vcc = 6V, RBIAS >= 2MΩ, VOUT = 6V
25
<1
10
uA
Output Leakage (Disabled)
Vcc = 0V, VOUT = 6V
25
<1
100
nA
AC parameters
Rise time (10% to 90%)
5
VCC = 2.0V,
VOUT = 0.5V,
RBIAS = O/C to 3.05kΩ
0.2
µs
Fall time (90% to 10%)
5
RBIAS = 3.05kΩ to O/C
0.2
Propagation delay(low to high)
5
VCC = 2.0V,
VOUT = 0.5V,
RBIAS = O/C to 3.05kΩ
0.4
Propagation delay(high to low)
5
RBIAS = 3.05kΩ to O/C
0.2
Notes:
2. RBIAS connected to GND see Figure 1
3. All active output current measurements are pulsed tests of 8us duration, 10% duty cycle
4. See Typical Characteristics for a graph of Output current vs. RBIAS value
5. See Figure 2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com