Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9993 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # MPC9993
Description  Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9993 Datasheet(HTML) 3 Page - Renesas Technology Corp

  MPC9993 Datasheet HTML 1Page - Renesas Technology Corp MPC9993 Datasheet HTML 2Page - Renesas Technology Corp MPC9993 Datasheet HTML 3Page - Renesas Technology Corp MPC9993 Datasheet HTML 4Page - Renesas Technology Corp MPC9993 Datasheet HTML 5Page - Renesas Technology Corp MPC9993 Datasheet HTML 6Page - Renesas Technology Corp MPC9993 Datasheet HTML 7Page - Renesas Technology Corp MPC9993 Datasheet HTML 8Page - Renesas Technology Corp MPC9993 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MPC9993 REVISION 3 JANUARY 23, 2013
3
©2013 Integrated Device Technology, Inc.
MPC9993 Data Sheet
INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS) PLL CLOCK DRIVER
Table 2. Absolute Maximum Ratings(1)
1. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these
conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation at absolute-maximum-rated
conditions is not implied.
Symbol
Characteristics
Min
Max
Unit
Condition
VCC
Supply Voltage
–0.3
3.9
V
VIN
DC Input Voltage
–0.3
VCC+0.3
V
VOUT
DC Output Voltage
–0.3
VCC+0.3
V
IIN
DC Input Current
20
mA
IOUT
DC Output Current
50
mA
TS
Storage Temperature
–65
125
C
Table 3. General Specifications
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VTT
Output termination voltage
VCC – 2
V
MM
ESD Protection (Machine model)
175
V
HBM
ESD Protection (Human body model)
1500
V
CDM
ESD Protection (Charged device model
1000
V
LU
Latch-up Immunity
100
mA
CIN
Input Capacitance
4.0
pF
Inputs
JA
Thermal Resistance Junction to Ambient
JESD 51-3, single layer test board
JESD 51-6, 2S2P multilayer test board
83.1
73.3
68.9
63.8
57.4
59.0
54.4
52.5
50.4
47.8
86.0
75.4
70.9
65.3
59.6
60.6
55.7
53.8
51.5
48.8
C/W
C/W
C/W
C/W
C/W
C/W
C/W
C/W
C/W
C/W
Natural convection
100 ft/min
200 ft/min
400 ft/min
800 ft/min
Natural convection
100 ft/min
200 ft/min
400 ft/min
800 ft/min
JC
Thermal Resistance Junction to Case
23.0
26.3
C/W
MIL-SPEC 883E
Method 1012.1
TJ
Operating Junction Temperature(1)
(continuous operation)
MTBF = 9.1 years
1. Operating junction temperature impacts device life time. Maximum continuous operating junction temperature should be selected according
to the application life time requirements (See application note AN1545 for more information). The device AC and DC parameters are
specified up to 110°C junction temperature allowing the MPC9993 to be used in applications requiring industrial temperature range. It is
recommended that users of the MPC9993 employ thermal modeling analysis to assist in applying the junction temperature specifications to
their particular application.
110
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com